Electronic Components Datasheet Search
  English  ▼

X  

COM20022I Datasheet(PDF) 57 Page - SMSC Corporation

Part # COM20022I
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I Datasheet(HTML) 57 Page - SMSC Corporation

Back Button COM20022I Datasheet HTML 53Page - SMSC Corporation COM20022I Datasheet HTML 54Page - SMSC Corporation COM20022I Datasheet HTML 55Page - SMSC Corporation COM20022I Datasheet HTML 56Page - SMSC Corporation COM20022I Datasheet HTML 57Page - SMSC Corporation COM20022I Datasheet HTML 58Page - SMSC Corporation COM20022I Datasheet HTML 59Page - SMSC Corporation COM20022I Datasheet HTML 60Page - SMSC Corporation COM20022I Datasheet HTML 61Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I
Page 57
Rev. 08-18-03
DATASHEET
Chapter 7 Operational Description
7.1
Maximum Guaranteed Ratings*
Operating Temperature Range ...............................................................................................-40
oC to +85oC
Storage Temperature Range ................................................................................................-55
oC to +150oC
Lead Temperature (soldering, 10 seconds) ....................................................................................... +325
oC
Positive Voltage on any pin, with respect to ground ........................................................................VDD+0.3V
Negative Voltage on any pin, with respect to ground ............................................................................. -0.3V
Maximum VDD .......................................................................................................................................... +7V
*Stresses above those listed may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other condition above those indicated in the operational
sections of this specification is not implied.
Note:
When powering this device from laboratory or system power supplies, it is important that the Absolute
Maximum Ratings not be exceeded or device failure can result. Some power supplies exhibit voltage
spikes or "glitches" on their outputs when the AC power is switched on or off. In addition, voltage
transients on the AC power line may appear on the DC output. If this possibility exists it is suggested that
a clamp circuit be used.
7.2
DC Electrical Characteristics
VDD=5.0V±10%
COM20022I: TA=0
oC to +70oC, COM20022II: TA=-40oC to +85oC
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
COMMENT
Low Input Voltage 1
(All inputs except A2,
XTAL1, nRESET, nRD,
nWR, nREFEX and RXIN)
High Input Voltage 1
(All inputs except A2,
XTAL1, nRESET, nRD,
nWR, nREFEX and RXIN)
VIL1
VIH1
2.0
0.8
V
V
TTL Levels
TTL Levels
Low Input Voltage 2
(XTAL1)
High Input Voltage 2
(XTAL1)
VIL2
VIH2
4.0
1.0
V
V
TTL Clock Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com