Electronic Components Datasheet Search
  English  ▼

X  

COM20022I Datasheet(PDF) 40 Page - SMSC Corporation

Part # COM20022I
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I Datasheet(HTML) 40 Page - SMSC Corporation

Back Button COM20022I Datasheet HTML 36Page - SMSC Corporation COM20022I Datasheet HTML 37Page - SMSC Corporation COM20022I Datasheet HTML 38Page - SMSC Corporation COM20022I Datasheet HTML 39Page - SMSC Corporation COM20022I Datasheet HTML 40Page - SMSC Corporation COM20022I Datasheet HTML 41Page - SMSC Corporation COM20022I Datasheet HTML 42Page - SMSC Corporation COM20022I Datasheet HTML 43Page - SMSC Corporation COM20022I Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
Rev. 08-18-03
Page 40
SMSC COM20022I
DATASHEET
Table 6.5 - Command Register
DATA
COMMAND
DESCRIPTION
0000 0000
Clear
Transmit
Interrupt
This command is used only in the Command Chaining operation. Please
refer to the Command Chaining section for definition of this command.
0000 0001
Disable
Transmitter
This command will cancel any pending transmit command (transmission
that has not yet started) and will set the TA (Transmitter Available) status
bit to logic "1" when the COM20022I next receives the token.
0000 0010
Disable
Receiver
This command will cancel any pending receive command. If the
COM20022I is not yet receiving a packet, the RI (Receiver Inhibited) bit
will be set to logic "1" the next time the token is received. If packet
reception is already underway, reception will run to its normal
conclusion.
b0fn n100
Enable
Receive to
Page fnn
This command allows the COM20022I to receive data packets into RAM
buffer page fnn and resets the RI status bit to logic "0". The values
placed in the "nn" bits indicate the page that the data will be received
into (page 0, 1, 2, or 3). If the value of "f" is a logic "1", an offset of 256
bytes will be added to that page specified in "nn", allowing a finer
resolution of the buffer. Refer to the Selecting RAM Page Size section
for further detail. If the value of "b" is logic "1", the device will also
receive broadcasts (transmissions to ID zero). The RI status bit is set to
logic "1" upon successful reception of a message.
00fn n011
Enable
Transmit from
Page fnn
This command prepares the COM20022I to begin a transmit sequence
from RAM buffer page fnn the next time it receives the token. The
values of the "nn" bits indicate which page to transmit from (0, 1, 2, or 3).
If "f" is logic "1", an offset of 256 bytes is the start of the page specified in
"nn", allowing a finer resolution of the buffer. Refer to the Selecting RAM
Page Size section for further detail. When this command is loaded, the
TA and TMA bits are reset to logic "0". The TA bit is set to logic "1" upon
completion of the transmit sequence. The TMA bit will have been set by
this time if the device has received an ACK from the destination node.
The ACK is strictly hardware level, sent by the receiving node before its
microcontroller is even aware of message reception. Refer to Figure 3.1
for details of the transmit sequence and its relation to the TA and TMA
status bits.
0000 c101
Define
Configuration
This command defines the maximum length of packets that may be
handled by the device. If "c" is a logic "1", the device handles both long
and short packets. If "c" is a logic "0", the device handles only short
packets.
000r p110
Clear Flags
This command resets certain status bits of the COM20022I. A logic "1"
on "p" resets the POR status bit and the EXCNAK Diagnostic status bit.
A logic "1" on "r" resets the RECON status bit.
0000 1000
Clear
Receive
Interrupt
This command is used only in the Command Chaining operation. Please
refer to the Command Chaining section for definition of this command.
0001 1000
Start Internal
Operation
This command restarts the stopped internal operation after changing
CKUP1 or CKUP0 bit.
0001 0000
Clear Mask bit of
DMAEND
This command resets a mask bit of the DMAEND. It is for clearing
interrupt by DMA transfer finished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com