Electronic Components Datasheet Search
  English  ▼

X  

COM20022I Datasheet(PDF) 24 Page - SMSC Corporation

Part # COM20022I
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I Datasheet(HTML) 24 Page - SMSC Corporation

Back Button COM20022I Datasheet HTML 20Page - SMSC Corporation COM20022I Datasheet HTML 21Page - SMSC Corporation COM20022I Datasheet HTML 22Page - SMSC Corporation COM20022I Datasheet HTML 23Page - SMSC Corporation COM20022I Datasheet HTML 24Page - SMSC Corporation COM20022I Datasheet HTML 25Page - SMSC Corporation COM20022I Datasheet HTML 26Page - SMSC Corporation COM20022I Datasheet HTML 27Page - SMSC Corporation COM20022I Datasheet HTML 28Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
Rev. 08-18-03
Page 24
SMSC COM20022I
DATASHEET
The following rough timing diagram of the non-burst mode DMA data transfer is included for illustration
purposes.
Figure 5.5 - Non-Burst Mode DMA Data Transfer Rough Timing
The timing of the Burst mode DMA data transfer is found in the Timing Diagrams section of this data sheet.
The basic sequence of operation is as follows:
nDACK becomes active (low) upon DREQ becoming active (high) and catching the host bus (AEN=
“1”).
DREQ becomes inactive after TC asserts (when nDACK= “0”). In this case, DREQ doesn't become
active again after nDACK becomes inactive.
nDACK becomes inactive after DREQ= 0 and the present cycle finishes.
The following rough timing diagram of the non-burst mode DMA data transfer is included for illustration
purposes.
Figure 5.6
- Burst Mode DMA Data Transfer Rough Timing
DREQ
nDACK
TC
Read/Write
Signal
DREQ
nDACK
TC
Read/Write
Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com