Electronic Components Datasheet Search
  English  ▼

X  

COM20022I Datasheet(PDF) 19 Page - SMSC Corporation

Part # COM20022I
Description  10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I Datasheet(HTML) 19 Page - SMSC Corporation

Back Button COM20022I Datasheet HTML 15Page - SMSC Corporation COM20022I Datasheet HTML 16Page - SMSC Corporation COM20022I Datasheet HTML 17Page - SMSC Corporation COM20022I Datasheet HTML 18Page - SMSC Corporation COM20022I Datasheet HTML 19Page - SMSC Corporation COM20022I Datasheet HTML 20Page - SMSC Corporation COM20022I Datasheet HTML 21Page - SMSC Corporation COM20022I Datasheet HTML 22Page - SMSC Corporation COM20022I Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I
Page 19
Rev. 08-18-03
DATASHEET
D0-D7
nIRQ1
nRES
nIOS
R/nW
A7
D0-D7
A0/nMUX
A0
XTAL1
XTAL2
A1
A1
nCS
nRESET
nRD/nDS
nWR/nDIR
nINTR
A2/BALE
A2
RXIN
nPULSE1
nPULSE2
TXEN
GND
Differential Driver
Configuration
6801
COM20022I
Media Interface
may be replaced
with Figure A, B or C.
*
75176B or
Equiv.
XTAL1
XTAL2
27 pF
27 pF
20MHz
XTAL
RXIN
nPULSE1
nPULSE2
nTXEN
GND
Traditional Hybrid
Configuration
RXIN
nPULSE1
nPULSE2
17, 19,
4, 13, 14
5.6K
1/2W
5.6K
1/2W
0.01 uF
1KV
12
11
-5V
0.47
uF
10
uF
+
3
0.47
uF
+
+5V
uF
10
6
FIGURE C
HYC9088
HYC9068 or
N/C
*Valid for 2.5 Mbps only.
Figure 5.2
- Non-Multiplexed, 6801-Like Bus Interface with RS-485 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com