Electronic Components Datasheet Search
  English  ▼

X  

MCP39F511 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP39F511
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511 Datasheet(HTML) 3 Page - Microchip Technology

  MCP39F511 Datasheet HTML 1Page - Microchip Technology MCP39F511 Datasheet HTML 2Page - Microchip Technology MCP39F511 Datasheet HTML 3Page - Microchip Technology MCP39F511 Datasheet HTML 4Page - Microchip Technology MCP39F511 Datasheet HTML 5Page - Microchip Technology MCP39F511 Datasheet HTML 6Page - Microchip Technology MCP39F511 Datasheet HTML 7Page - Microchip Technology MCP39F511 Datasheet HTML 8Page - Microchip Technology MCP39F511 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
 2015 Microchip Technology Inc.
DS20005393B-page 3
MCP39F511
MCP39F511 Typical Application – Single Phase, Two-Wire Application Schematic
DGND
OSCO
OSCI
DVDD RESET
AVDD
I1+
I1-
V1-
V1+
NC
NC
NC
REFIN/OUT+
AGND
COMMONA,B
NC
LOAD
+3.3V
N
L
MCP1754
+3.3V
AGND
DGND
+
-
33 nF
33 nF
33 nF
1k
1k
1k
499 k
1k
4MHz
22 pF
22 pF
33 nF
0.01 µF
0.47µ F 470
470 µF
10
1µF
0.1 µF
0.1 µF
0.1 µF
AN_IN
2m
Leave Floating
N.C.
MCP9700A
(OPTIONAL)
+3.3V
to MCU UART
to MCU UART
UART_RX
UART_TX
DR
(OPTIONAL)
Connect on PCB
EVENT1
ZCD
EVENT2
PWM
MCP39F511
499 k
Note 1:
The MCP39F511 demonstration board uses a switching power supply, however a low-cost
capacitive-based supply, as shown here, is sufficient for many applications.
2:
The external sensing components shown here, a 2 mΩ shunt, two 499 kΩ and 1 kΩ resistors for the
1000:1 voltage divider, are specifically chosen to match the default values for the calibration registers
defined in Section 6.0 “Register Descriptions”. By choosing low-tolerance components of these
values (e.g. 1% tolerance), measurement accuracy in the 2-3% range can be achieved with zero
calibration. See Section 9.0 “MCP39F511 Calibration” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com