Electronic Components Datasheet Search
  English  ▼

X  

MCP39F511 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP39F511
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511 Datasheet(HTML) 4 Page - Microchip Technology

  MCP39F511 Datasheet HTML 1Page - Microchip Technology MCP39F511 Datasheet HTML 2Page - Microchip Technology MCP39F511 Datasheet HTML 3Page - Microchip Technology MCP39F511 Datasheet HTML 4Page - Microchip Technology MCP39F511 Datasheet HTML 5Page - Microchip Technology MCP39F511 Datasheet HTML 6Page - Microchip Technology MCP39F511 Datasheet HTML 7Page - Microchip Technology MCP39F511 Datasheet HTML 8Page - Microchip Technology MCP39F511 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
MCP39F511
DS20005393B-page 4
 2015 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
DVDD .................................................................. -0.3 to +4.5V
AVDD .................................................................. -0.3 to +4.0V
Digital inputs and outputs w.r.t. AGND...............-0.3V to +4.0V
Analog Inputs (I+,I-,V+,V-) w.r.t. AGND ...................-2V to +2V
VREF input w.r.t. AGND ........................ ....-0.6V to AVDD +0.6V
Maximum Current out of DGND pin..............................300 mA
Maximum Current into DVDD pin.................................250 mA
Maximum Output Current Sunk by Digital IO ................25 mA
Maximum Current Sourced by Digital IO.......................25 mA
Storage temperature .....................................-65°C to +150°C
Ambient temperature with power applied......-40°C to +125°C
Soldering temperature of leads (10 seconds) ............. +300°C
ESD on the analog inputs (HBM,MM) .................4.0 kV, 200V
ESD on all other pins (HBM,MM) ........................4.0 kV, 200V
† Notice:
Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operation listings of this specification is
not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
1.1
Specifications
TABLE 1-1:
ELECTRICAL CHARACTERISTICS
Electrical Specifications:
Unless otherwise indicated, all parameters apply at AVDD, DVDD = +2.7 to +3.6V, TA = -40°C to +125°C,
MCLK = 4 MHz, PGA GAIN = 1.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Power Measurement
Active Power (Note 1)
P
—
±0.1
—
%
4000:1 Dynamic Range
on Current Channel
(Note 2)
Reactive Power (Note 1)
Q
—
±0.1
—
%
4000:1 Dynamic Range
on Current Channel
(Note 2)
Apparent Power (Note 1)
S
—
±0.1
—
%
4000:1 Dynamic Range
on Current Channel
(Note 2)
Current RMS (Note 1)
IRMS
—
±0.1
—
%
4000:1 Dynamic Range
on Current Channel
(Note 2)
Voltage RMS (Note 1)
VRMS
—
±0.1
—
%
4000:1 Dynamic Range
on Voltage Channel
(Note 2)
Power Factor (Note 1)
—±0.1
—
%
Line Frequency (Note 1)
LF
—
±0.1
—
%
Note 1:
Calculated from reading the register values with no averaging, single computation cycle with accumulation interval of 4
line cycles.
2:
Specification by design and characterization; not production tested.
3:
N = Value in the Accumulation Interval Parameter register. The default value of this register is 2 or TCAL =80 ms for
50 Hz line.
4:
Applies to Voltage Sag and Voltage Surge events only.
5:
Applies to all gains. Offset and gain errors depend on the PGA gain setting. See Section 2.0 “Typical Performance
Curves”
for typical performance.
6:
VIN =1VPP = 353 mVRMS @ 50/60 Hz.
7:
Variation applies to internal clock and UART only. All calculated output quantities are temperature compensated to the
performance listed in the respective specification.
8:
Lower baud rates selectable only on system versions 0xFA14 and later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com