Electronic Components Datasheet Search
  English  ▼

X  

MCP39F511 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP39F511
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP39F511 Datasheet HTML 5Page - Microchip Technology MCP39F511 Datasheet HTML 6Page - Microchip Technology MCP39F511 Datasheet HTML 7Page - Microchip Technology MCP39F511 Datasheet HTML 8Page - Microchip Technology MCP39F511 Datasheet HTML 9Page - Microchip Technology MCP39F511 Datasheet HTML 10Page - Microchip Technology MCP39F511 Datasheet HTML 11Page - Microchip Technology MCP39F511 Datasheet HTML 12Page - Microchip Technology MCP39F511 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
 2015 Microchip Technology Inc.
DS20005393B-page 9
MCP39F511
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated, AVDD =+3.3V, DVDD = +3.3V, TA = +25°C, GAIN = 1, VIN = -0.5 dBFS at 60 Hz.
FIGURE 2-1:
Active Power, Gain = 1.
FIGURE 2-2:
RMS Current, Gain = 1.
FIGURE 2-3:
Energy, Gain = 8.
FIGURE 2-4:
Spectral Response.
FIGURE 2-5:
THD Histogram.
FIGURE 2-6:
THD vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-0.50%
-0.40%
-0.30%
-0.20%
-0.10%
0.00%
0.10%
0.20%
0.30%
0.40%
0.50%
0.01
0.1
1
10
100
1000
Current Channel Input Amplitude (mV
PEAK)
-0.100%
-0.050%
0.000%
0.050%
0.100%
0.1
1
10
100
1000
Input Voltage RMS (mV
PP)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1
10
100
1000
10000
100000
Energy Accumulation (Watt-Hours)
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
200
400
600
800 1000 1200 1400 1600 1800 2000
Frequency (Hz)
f
IN = -60 dBFS @ 60 Hz
f
D = 3.9 ksps
16384 pt FFT
OSR = 256
Total Harmonic Distortion (-dBc)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
G = 1
G = 2
G = 4
G = 8
G = 16
G = 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com