Electronic Components Datasheet Search
  English  ▼

X  

MCP39F511 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP39F511
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP39F511 Datasheet HTML 6Page - Microchip Technology MCP39F511 Datasheet HTML 7Page - Microchip Technology MCP39F511 Datasheet HTML 8Page - Microchip Technology MCP39F511 Datasheet HTML 9Page - Microchip Technology MCP39F511 Datasheet HTML 10Page - Microchip Technology MCP39F511 Datasheet HTML 11Page - Microchip Technology MCP39F511 Datasheet HTML 12Page - Microchip Technology MCP39F511 Datasheet HTML 13Page - Microchip Technology MCP39F511 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
MCP39F511
DS20005393B-page 10
 2015 Microchip Technology Inc.
Note:
Unless otherwise indicated, AVDD = 3.3V, DVDD =3.3V, TA = +25°C, GAIN = 1, VIN = -0.5 dBFS at 60 Hz.
FIGURE 2-7:
SNR Histogram.
FIGURE 2-8:
SINAD vs. Temperature.
FIGURE 2-9:
Gain Error vs. Temperature.
FIGURE 2-10:
Internal Voltage Reference
vs. Temperature.
94.2 94.3 94.5 94.6 94.8 94.9 95.1 95.2 95.4 95.5
Signal-to-Noise and Distortion Ratio (dB)
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
G = 1
G = 2
G = 4
G = 8
G = 16
G = 32
-5
-4
-3
-2
-1
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
G = 1
G = 2
G = 4
G = 8
G = 16
G = 32
1.1999
1.2000
1.2001
1.2002
1.2003
1.2004
1.2005
1.2006
1.2007
1.2008
-50
0
50
100
150
Temperature (C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com