Electronic Components Datasheet Search
  English  ▼

X  

PCM2704 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2704
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2704 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM2704 Datasheet HTML 5Page - Texas Instruments PCM2704 Datasheet HTML 6Page - Texas Instruments PCM2704 Datasheet HTML 7Page - Texas Instruments PCM2704 Datasheet HTML 8Page - Texas Instruments PCM2704 Datasheet HTML 9Page - Texas Instruments PCM2704 Datasheet HTML 10Page - Texas Instruments PCM2704 Datasheet HTML 11Page - Texas Instruments PCM2704 Datasheet HTML 12Page - Texas Instruments PCM2704 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
PCM2704,PCM2705
PCM2706,PCM2707
SLES081A − JUNE 2003 – REVISED MAY 2004
www.ti.com
9
BLOCK DIAGRAM (PCM2706PJT/PCM2707PJT)
SSPND
VCCP
VCCL
VCCR
VDD
ZGND
DGND
AGNDR
AGNDL
PGND
VCOM
Analog
PLL
FIFO
DAC
VOUTL
S/PDIF
Encoder
XTI
XTO
12 MHz
PLL (
×8)
96 MHz
Tracker
(SpAct)
USB
Protocol
Controller
Power
Manager
5-V to 3.3-V
Voltage Regulator
Control
Endpoint
ISO-Out
Endpoint
HID
Endpoint
VBUS
D+
D–
DT
HOST
HID0/MS
HID1/MC
HID2/MD
CK
VOUTR
FUNC1
DOUT
FUNC3
I2S I/F
PSEL
TEST
† Applies to PCM2706PJT
‡ Applies to PCM2707PJT
EEPROM
Interface†
SPI
Interface‡
FUNC2
FUNC0
FSEL
BCK
DIN
SYSCK
LRCK
DOUT
HID3: Next Trackt†
HID4: Previous Trackt†
HID5: Stop†
HID6: Play/Pause†



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com