Electronic Components Datasheet Search
  English  ▼

X  

PCM2704 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2704
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2704 Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCM2704 Datasheet HTML 16Page - Texas Instruments PCM2704 Datasheet HTML 17Page - Texas Instruments PCM2704 Datasheet HTML 18Page - Texas Instruments PCM2704 Datasheet HTML 19Page - Texas Instruments PCM2704 Datasheet HTML 20Page - Texas Instruments PCM2704 Datasheet HTML 21Page - Texas Instruments PCM2704 Datasheet HTML 22Page - Texas Instruments PCM2704 Datasheet HTML 23Page - Texas Instruments PCM2704 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
PCM2704,PCM2705
PCM2706,PCM2707
SLES081A − JUNE 2003 – REVISED MAY 2004
www.ti.com
20
t(BCH)
DOUT (Output)
t(BCL)
t(BL)
t(BCY)
50% of VDD
50% of VDD
50% of VDD
LRCK (Output)
BCK (Output)
DIN (Input)
t(DH)
t(DS)
50% of VDD
t(BD)
t(LD)
SYMBOL
PARAMETER
MIN
MAX
UNIT
t(BCY)
BCK pulse cycle time
300
ns
t(BCH)
BCK pulse duration, HIGH
100
ns
t(BCL)
BCK pulse duration, LOW
100
ns
t(BL)
LRCK delay time from BCK falling edge
–20
40
ns
t(BD)
DOUT delay time from BCK falling edge
–20
40
ns
t(LD)
DOUT delay time from LRCK edge
–20
40
ns
t(DS)
DIN setup time
20
ns
t(DH)
DIN hold time
20
ns
NOTE:
Load capacitance is 20 pF.
Figure 23. Audio Interface Timing
EXTERNAL ROM DESCRIPTOR (PCM2704/6)
The PCM2704/6 supports an external ROM interface to override internal descriptors. Pin 3 (for PCM2704)/pin 15
(for PCM2706) is assigned as DT (serial data) and pin 2 (for PCM2704)/pin 14 (for PCM2706) is assigned as CK
(serial clock) of the I2C interface when using the external ROM descriptor. Descriptor data is transferred from the
external ROM to the PCM2704/6 through the I2C interface the first time when the device activates after power-on
reset. Before completing a read of the external ROM, the PCM2704/6 replies with NACK for any USB command
request from the host to the device itself. The descriptor data, which can be in external ROM, are as follows. String
descriptors must be described in ANSI ASCII code (1 byte for each character). String descriptors are automatically
converted to unicode strings for transmission to the host. The device address of the external ROM is fixed as 0xA0.
The data must be stored from address 0x00 and must consist of 57 bytes as described in the following items. Read
operation is performed at a cycle of XTI/384 (approximately 30 kHz).
D Vendor ID (2 bytes)
D Product ID (2 bytes)
D Device string (16 bytes in ANSI ASCII code)
D Vendor string (32 bytes in ANSI ASCII code)
D Maximum power (1 byte)
D Power attribute (1 byte)
D Auxiliary HID usage ID in report descriptor (3 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com