Electronic Components Datasheet Search
  English  ▼

X  

PCM2704 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2704
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2704 Datasheet(HTML) 26 Page - Texas Instruments

Back Button PCM2704 Datasheet HTML 22Page - Texas Instruments PCM2704 Datasheet HTML 23Page - Texas Instruments PCM2704 Datasheet HTML 24Page - Texas Instruments PCM2704 Datasheet HTML 25Page - Texas Instruments PCM2704 Datasheet HTML 26Page - Texas Instruments PCM2704 Datasheet HTML 27Page - Texas Instruments PCM2704 Datasheet HTML 28Page - Texas Instruments PCM2704 Datasheet HTML 29Page - Texas Instruments PCM2704 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
PCM2704,PCM2705
PCM2706,PCM2707
SLES081A − JUNE 2003 – REVISED MAY 2004
www.ti.com
26
Play, Stop, and Detach Sequence
When host finishes or aborts the playback, the PCM2704/5/6/7 stops the playing after last audio data has played.
Suspend and Resume Sequence
The PCM2704/5/6/7 enters the suspend state after the USB bus has been in a constant idle state for approximately
5 ms. While the PCM2704/5/6/7 is in the suspend state, SSPND flag (pin 27 for PCM2704/5, pin 11 for PCM2706/7)
is asserted. The PCM2704/5/6/7 wakes up immediately when detecting the non-idle state on the USB bus.
VBUS
VOUTL
VOUTR
Audio Data
Audio Data
Last Audio Data
Detach
SOF
SOF
SOF
SOF
SOF
1 ms
D+/D–
Figure 29. Play, Stop, and Detach
5 ms
D+/D−
SSPND
Idle
Suspend
VOUTL
VOUTR
Active
2.5 ms
Active
Figure 30. Suspend and Resume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com