Electronic Components Datasheet Search
  English  ▼

X  

PCM2704 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2704
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2704 Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM2704 Datasheet HTML 13Page - Texas Instruments PCM2704 Datasheet HTML 14Page - Texas Instruments PCM2704 Datasheet HTML 15Page - Texas Instruments PCM2704 Datasheet HTML 16Page - Texas Instruments PCM2704 Datasheet HTML 17Page - Texas Instruments PCM2704 Datasheet HTML 18Page - Texas Instruments PCM2704 Datasheet HTML 19Page - Texas Instruments PCM2704 Datasheet HTML 20Page - Texas Instruments PCM2704 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
PCM2704,PCM2705
PCM2706,PCM2707
SLES081A − JUNE 2003 – REVISED MAY 2004
www.ti.com
17
Device Configuration
Figure 21 illustrates the USB audio function topology. The PCM2704/5/6/7 has three interfaces. Each interface is
enabled by some alternative settings.
Analog Out
Default
Endpoint
Endpoint #2
(IF #1)
Audio Streaming
Interface
Endpoint #0
Endpoint #5
(IF #2)
HID Interface
IT
TID1
FU
UID3
OT
TID2
Standard Audio Control Interface (IF #0)
PCM2704/5/6/7
Figure 21. USB Audio Function Topology
Interface #0 (Default/Control Interface)
Interface #0 is the control interface. Setting #0 is the only possible setting for interface #0. Setting #0 describes the
standard audio control interface. Audio control interface consists of a terminal. The PCM2704/5/6/7 has three
terminals as follows.
D Input terminal (IT #1) for isochronous-out stream
D Output terminal (OT #2) for audio analog output
D Feature unit (FU #3) for DAC digital attenuator
Input terminal #1 is defined as a USB stream (terminal type 0x0101). Input terminal #1 can accept two-channel audio
streams constructed of left and right channels. Output terminal #2 is defined as a speaker (terminal type 0x0301).
Feature unit #3 supports the following sound control features.
D Volume control
D Mute control
The built-in digital volume controller can be manipulated by an audio-class-specific request from 0 dB to –64 dB in
steps of 1 dB. Changes are made by incrementing or decrementing one step (1 dB) for every 1/fS time interval until
the volume level reaches the requested value. Each channel can be set to a separate value. The master volume
control is not supported. A request to the master volume is stalled and ignored. The built-in digital mute controller
can be manipulated by an audio-class-specific request. A master mute control request is acceptable. A mute control
request to an individual channel is stalled and ignored. The digital volume control does not affect the S/PDIF and I2S
outputs (PCM2706/7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com