Electronic Components Datasheet Search
  English  ▼

X  

PCM2704 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2704
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2704 Datasheet(HTML) 3 Page - Texas Instruments

  PCM2704 Datasheet HTML 1Page - Texas Instruments PCM2704 Datasheet HTML 2Page - Texas Instruments PCM2704 Datasheet HTML 3Page - Texas Instruments PCM2704 Datasheet HTML 4Page - Texas Instruments PCM2704 Datasheet HTML 5Page - Texas Instruments PCM2704 Datasheet HTML 6Page - Texas Instruments PCM2704 Datasheet HTML 7Page - Texas Instruments PCM2704 Datasheet HTML 8Page - Texas Instruments PCM2704 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
PCM2704,PCM2705
PCM2706,PCM2707
SLES081A − JUNE 2003 – REVISED MAY 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS
all specifications at TA = 25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz,16-bit data, unless otherwise noted
PARAMETER
TEST CONDITIONS
PCM2704DB, PCM2705DB,
PCM2706PJT, PCM2707PJT
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
Host interface
Apply USB revision 1.1,
full-speed
Audio data format
USB isochronous data format
INPUT LOGIC
VIH
2
3.3
VIL
Input logic level
–0.3
0.8
VDC
VIH(1)
Input logic level
2
5.5
VDC
VIL(1)
–0.3
0.8
IIH(2)
VIN = 3.3 V
±10
IIL(2)
Input logic current
VIN = 0 V
±10
µA
IIH
Input logic current
VIN = 3.3 V
65
100
µA
IIL
VIN = 0 V
±10
OUTPUT LOGIC
VOH(3)
IOH = –2 mA
2.8
VOL(3)
Output logic level
IOL = 2 mA
0.3
VDC
VOH
Output logic level
IOH = –2 mA
2.4
VDC
VOL
IOL = 2 mA
0.4
CLOCK FREQUENCY
Input clock frequency, XTI
11.994
12
12.006
MHz
fs
Sampling frequency
32, 44.1, 48
kHz
DAC CHARACTERISTICS
Resolution
16
Bits
Audio data channel
1, 2
Channel
DC ACCURACY
Gain mismatch, channel-to-channel
±2
±8 % of FSR
Gain error
±2
±8 % of FSR
Bipolar zero error
±3
±6 % of FSR
DYNAMIC PERFORMANCE(4)
Line(5)
RL > 10 kΩ, self-powered
0.006%
0.01%
THD+N,
V
= 0 dB
Line(5)
RL > 10 kΩ, bus-powered
0.012%
0.02%
THD+N,
VOUT = 0 dB
Headphone
RL = 32 Ω,
self-/bus-powered
0.025%
THD+N, VOUT = –60 dB
2%
Dynamic range
EIAJ, A-weighted
90
98
dB
S/N ratio
EIAJ, A-weighted
90
98
dB
Channel separation
60
70
dB
(1) HOST
(2) D+, D–, HOST, TEST, TEST0, TEST1, DT, PSEL, FSEL, XTI
(3) FUNC0, FUNC1, FUNC2
(4) fIN = 1 kHz, using the System Twot Cascade audio measurement system by Audio Precisiont in the RMS mode with a 20-kHz LPF and 400-Hz
HPF.
(5) THD+N performance varies slightly depending on the effective output load, including dummy load R7, R8 in Figure 31.
System Two and Audio Precision are trademarks of Audio Precision, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com