Electronic Components Datasheet Search
  English  ▼

X  

PCM2704 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2704
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2704 Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM2704 Datasheet HTML 12Page - Texas Instruments PCM2704 Datasheet HTML 13Page - Texas Instruments PCM2704 Datasheet HTML 14Page - Texas Instruments PCM2704 Datasheet HTML 15Page - Texas Instruments PCM2704 Datasheet HTML 16Page - Texas Instruments PCM2704 Datasheet HTML 17Page - Texas Instruments PCM2704 Datasheet HTML 18Page - Texas Instruments PCM2704 Datasheet HTML 19Page - Texas Instruments PCM2704 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
PCM2704,PCM2705
PCM2706,PCM2707
SLES081A − JUNE 2003 – REVISED MAY 2004
www.ti.com
16
USB INTERFACE
Control data and audio data are transferred to the PCM2704/5/6/7 via D+ (pin 9 for PCM2704/5, pin 23 for
PCM2706/7) and D– (pin 8 for PCM2704/5, pin 22 for PCM2706/7). D+ should be pulled up with a 1.5-k
Ω (±5%)
resistor
. To avoid back voltage in self-powered operation, the device must not provide power to the pullup resistor
on D+ while VBUS of the USB port is inactive.
All data to/from the PCM2704/5/6/7 are transferred at full speed. The following information is provided in the device
descriptor. Some parts of the device descriptor can be modified through external ROM (PCM2704/6), SPI
(PCM2705/7), or internal mask ROM on request.
Table 3. Device Descriptor
USB revision
1.1 compliant
Device class
0x00 (device defined interface level)
Device subclass
0x00 (not specified)
Device protocol
0x00 (not specified)
Max packet size for endpoint 0
8 bytes
Vendor ID
0x08BB (default value, can be modified)
Product ID
0x2704/0x2705/0x2706/0x2707 (These values correspond to the model number, and the value can be
modified.)
Device release number
1.0 (0x0100)
Number of configurations
1
Vendor strings
“Burr-Brown from TI” (default value, can be modified)
Product strings
“USB Audio DAC” (default value, can be modified)
Serial number
Not supported
The following information is contained in the configuration descriptor. Some parts of the configuration descriptor can
be modified through external ROM (PCM2704/6), SPI (PCM2705/7), or on request.
Table 4. Configuration Descriptor
Interface
Three interfaces
Power attribute
0x80 or 0xC0 (bus-powered or self-powered, depending on PSEL; no remote wake up. This value can be modified.)
Max power
0x0A, 0x32 or 0xFA (20 mA for self-powered, 100 mA or 500 mA for bus-powered, depending on PSEL and HOST. This
value can be modified.)
The following information is contained in the string descriptor. Some parts of the string descriptor can be modified
through external ROM (PCM2704/6), SPI (PCM2705/7), or on request.
Table 5. String Descriptor
#0
0x0409
#1
Burr-Brown from TI (default value, can be modified)
#2
USB Audio DAC (default value, can be modified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com