Electronic Components Datasheet Search
  English  ▼

X  

PCM2704 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2704
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2704 Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM2704 Datasheet HTML 15Page - Texas Instruments PCM2704 Datasheet HTML 16Page - Texas Instruments PCM2704 Datasheet HTML 17Page - Texas Instruments PCM2704 Datasheet HTML 18Page - Texas Instruments PCM2704 Datasheet HTML 19Page - Texas Instruments PCM2704 Datasheet HTML 20Page - Texas Instruments PCM2704 Datasheet HTML 21Page - Texas Instruments PCM2704 Datasheet HTML 22Page - Texas Instruments PCM2704 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
PCM2704,PCM2705
PCM2706,PCM2707
SLES081A − JUNE 2003 – REVISED MAY 2004
www.ti.com
19
DAC
The PCM2704/5/6/7 has a DAC that uses an oversampling technique with 128-fS second-order multibit noise
shaping. This technique provides extremely low quantization noise in the audio band, and the built-in analog low-pass
filter removes the high-frequency components of the noise-shaping signal. DAC outputs are provided through the
headphone amplifier VOUTL and VOUTR can provide 12 mW at 32 Ω as well as 1.8 Vp-p into a 10-kΩ load.
DIGITAL AUDIO INTERFACE – S/PDIF OUTPUT
The PCM2704/5/6/7 employs S/PDIF output. Isochronous-out data from the host is encoded to S/PDIF output DOUT
as well as to DAC analog outputs VOUTL and VOUTR. Interface format and timing follows the IEC-60958 standard.
Monaural data is converted to the stereo format at the same data rate. S/PDIF output is not supported in the I2S I/F
enable mode.
Channel Status Information
The channel status information is fixed as consumer application, PCM mode, copyright, digital/digital converter. All
other bits are fixed as 0s except for the sample frequency, which is set automatically according to the data received
through the USB.
Copyright Management
Digital audio data output is always encoded as original with SCMS control. Only one generation of digital duplication
is allowed. The implementation of this feature is optional. Note that it is your responsibility for determining whether
to implement this feature in your product or not.
DIGITAL AUDIO INTERFACE – I2S INTERFACE OUTPUT (PCM2706/7)
The PCM2706 and PCM2707 can support the I2S interface, which is enabled by FSEL (pin 9). In the I2S interface
enabled mode, pins 4, 18, 19, 5, and 17 are assigned as DIN, SYSCK, BCK, LRCK, and DOUT, respectively. They
provide digital output/input data in the16-bit I2S format, which is also accepted by the internal DAC. I2S interface
format and timing are shown in Figure 22 and Figure 23.
LRCK
BCK
R−Channel
L−Channel
DOUT
1
2
MSB
LSB
3
1
2
MSB
LSB
3
1
2
1/fS
(64 fS)
14 15 16
14 15 16
DIN
1
2
MSB
LSB
3
1
2
MSB
LSB
3
1
2
14 15 16
14 15 16
Figure 22. Audio Data Input Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com