Electronic Components Datasheet Search
  English  ▼

X  

PCM2704 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2704
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2704 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM2704 Datasheet HTML 19Page - Texas Instruments PCM2704 Datasheet HTML 20Page - Texas Instruments PCM2704 Datasheet HTML 21Page - Texas Instruments PCM2704 Datasheet HTML 22Page - Texas Instruments PCM2704 Datasheet HTML 23Page - Texas Instruments PCM2704 Datasheet HTML 24Page - Texas Instruments PCM2704 Datasheet HTML 25Page - Texas Instruments PCM2704 Datasheet HTML 26Page - Texas Instruments PCM2704 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
PCM2704,PCM2705
PCM2706,PCM2707
SLES081A − JUNE 2003 – REVISED MAY 2004
www.ti.com
23
EXTERNAL ROM EXAMPLE
Here is an example of external ROM data, with an explanation of the example following the data.
0xBB, 0x08, 0x04, 0x27,
0x50, 0x72, 0x6F, 0x64, 0x75, 0x63, 0x74, 0x20, 0x73, 0x74, 0x72, 0x69, 0x6E, 0x67, 0x73, 0x2E,
0x56, 0x65, 0x6E, 0x64, 0x6F, 0x72, 0x20, 0x73, 0x74, 0x72, 0x69, 0x6E, 0x67, 0x73, 0x20, 0x61,
0x72, 0x65, 0x20, 0x70, 0x6C, 0x61, 0x63, 0x65, 0x64, 0x20, 0x68, 0x65, 0x72, 0x65, 0x2E, 0x20,
0x80,
0x7D,
0x0A, 0x93, 0x01
The data is stored beginning at address 0x00.
Vendor ID: 0x08BB
Device ID: 0x2704
Device string: Product strings. (16 bytes)
Vendor string: Vendor strings are placed here. (32 bytes, 31 visible characters are followed by 1 space)
bmAttribute: 0x80 (Bus-powered)
maxPower: 0x7D (250 mA)
Auxiliary HID usage ID: 0x0A, 0x93, 0x01 (AL A/V capture)
SERIAL PROGRAMMING INTERFACE (PCM2705/7)
The PCM2705/7 supports the serial programming interface (SPI) to program the descriptor and to set the HID state.
Descriptor data is described in the External ROM Descriptor section.
t(MCH)
50% of VDD
MS
t(MLS)
LSB
50% of VDD
50% of VDD
t(MCL)
t(MHH)
t(MLH)
t(MCY)
t(MDH)
t(MDS)
MC
MD
SYMBOL
PARAMETERS
MIN
TYP
MAX
UNITS
t(MCY)
MC pulse cycle time
100
ns
t(MCL)
MC low-level time
50
ns
t(MCH)
MC high-level time
50
ns
t(MHH)
MS high-level time
100
ns
t(MLS)
MS falling edge to MC rising edge
20
ns
t(MLH)
MS hold time
20
ns
t(MDH)
MD hold time
15
ns
t(MDS)
MD setup time
20
ns
Figure 26. SPI Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com