Electronic Components Datasheet Search
  English  ▼

X  

AX8052F131 Datasheet(PDF) 9 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AX8052F131 Datasheet HTML 5Page - ON Semiconductor AX8052F131 Datasheet HTML 6Page - ON Semiconductor AX8052F131 Datasheet HTML 7Page - ON Semiconductor AX8052F131 Datasheet HTML 8Page - ON Semiconductor AX8052F131 Datasheet HTML 9Page - ON Semiconductor AX8052F131 Datasheet HTML 10Page - ON Semiconductor AX8052F131 Datasheet HTML 11Page - ON Semiconductor AX8052F131 Datasheet HTML 12Page - ON Semiconductor AX8052F131 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AX8052F131
www.onsemi.com
9
Table 6. LOGIC
Symbol
Units
Max
Typ
Min
Condition
Description
IL
Input leakage current
−10
10
mA
RPU
Programmable Pull−Up Resistance
65
kW
Digital Outputs
IOH
P[ABC]x Output Current, high
VOH = 2.4 V
8
mA
IOL
P[ABC]x Output Current, low
VOL = 0.4 V
8
mA
IOH
SYSCLK Output Current, high
VOH = 2.4 V
8
mA
IOL
SYSCLK Output Current, low
VOL = 0.4 V
8
mA
IOZ
Tri−state output leakage current
−10
10
mA
AC Characteristics
Table 7. CRYSTAL OSCILLATOR (RF REFERENCE OSCILLATOR)
Symbol
Description
Condition
Min
Typ
Max
Units
fXTAL
Crystal frequency
Notes 1, 3
15.5
16
25
MHz
gmosc
Transconductance oscillator
AX5031_XTALOSCGM = 0000
1
mS
AX5031_XTALOSCGM = 0001
2
AX5031_XTALOSCGM = 0010
default
3
AX5031_XTALOSCGM = 0011
4
AX5031_XTALOSCGM = 0100
5
AX5031_XTALOSCGM = 0101
6
AX5031_XTALOSCGM = 0110
6.5
AX5031_XTALOSCGM = 0111
7
AX5031_XTALOSCGM = 1000
7.5
AX5031_XTALOSCGM = 1001
8
AX5031_XTALOSCGM = 1010
8.5
AX5031_XTALOSCGM = 1011
9
AX5031_XTALOSCGM = 1100
9.5
AX5031_XTALOSCGM = 1101
10
AX5031_XTALOSCGM = 1110
10.5
AX5031_XTALOSCGM = 1111
11
Cosc
Programmable tuning capacitors at pins
CLK16N and CLK16P
AX5031_XTALCAP = 000000
default
2
pF
AX5031_XTALCAP = 111111
33
Cosc−lsb
Programmable tuning capacitors,
increment per LSB of AX5031_XTALCAP
0.5
pF
fext
External clock input (TCXO)
Notes 2, 3
15.5
15
25
MHz
Aosc
Oscillator amplitude at pin CLK16P
0.5
V
RINosc
Input DC impedance
10
kW
1. Tolerances and start−up times depend on the crystal used. Depending on the RF frequency and channel spacing the IC must be calibrated
to the exact crystal frequency using the readings of the register AX5031_TRKFREQ.
2. If an external clock is used, it should be input via an AC coupling at pin CLK16P with the oscillator powered up and
AX5031_XTALCAP = 000000
3. Lower frequencies than 15.5 MHz or higher frequencies than 25 MHz can be used. However, not all typical RF frequencies can then be
generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com