Electronic Components Datasheet Search
  English  ▼

X  

AX8052F131 Datasheet(PDF) 11 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button AX8052F131 Datasheet HTML 7Page - ON Semiconductor AX8052F131 Datasheet HTML 8Page - ON Semiconductor AX8052F131 Datasheet HTML 9Page - ON Semiconductor AX8052F131 Datasheet HTML 10Page - ON Semiconductor AX8052F131 Datasheet HTML 11Page - ON Semiconductor AX8052F131 Datasheet HTML 12Page - ON Semiconductor AX8052F131 Datasheet HTML 13Page - ON Semiconductor AX8052F131 Datasheet HTML 14Page - ON Semiconductor AX8052F131 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AX8052F131
www.onsemi.com
11
Table 9. TRANSMITTER
Symbol
Description
Condition
Min
Typ
Max
Units
SBR
Signal bit rate
ASK
1
2000
kbps
PSK
10
2000
FSK, (Note 2)
1
350
802.15.4 (DSSS)
ASK and PSK
1
40
802.15.4 (DSSS)
FSK
1
16
PTX868
Transmitter power @ 868 MHz
TXRNG = 1111
15
dBm
PTX433
Transmitter power @ 433 MHz
TXRNG = 1111
16
dBm
PTX868−harm2
Emission @ 2nd harmonic
(Note 1)
−50
dBc
PTX868−harm3
Emission @ 3rd harmonic
−55
1. Additional low−pass filtering was applied to the antenna interface, see applications section.
2. 1 − 200 kbps with a 16 MHz crystal, 200 − 350 kbps with 24 MHz crystal
Table 10. LOW FREQUENCY CRYSTAL OSCILLATOR
Symbol
Description
Condition
Min
Typ
Max
Units
fLPXTAL
Crystal frequency
32
150
kHz
gmlpxosc
Transconductance oscillator
LPXOSCGM = 00110
3.5
ms
LPXOSCGM = 01000
4.6
LPXOSCGM = 01100
6.9
LPXOSCGM = 10000
9.1
RINlpxosc
Input DC impedance
10
MW
Table 11. INTERNAL LOW POWER OSCILLATOR
Symbol
Description
Condition
Min
Typ
Max
Units
fLPOSC
Oscillation Frequency
LPOSCFAST = 0
Factory calibration applied. Over the
full temperature and voltage range
630
640
650
Hz
LPOSCFAST = 1
Factory calibration applied. Over the
full temperature and voltage range
10.08
10.24
10.39
kHz
Table 12. INTERNAL RC OSCILLATOR
Symbol
Description
Condition
Min
Typ
Max
Units
fFRCOSC
Oscillation Frequency
Factory calibration applied. Over the
full temperature and voltage range
19.8
20
20.2
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com