Electronic Components Datasheet Search
  English  ▼

X  

AX8052F131 Datasheet(PDF) 1 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 1 Page - ON Semiconductor

  AX8052F131 Datasheet HTML 1Page - ON Semiconductor AX8052F131 Datasheet HTML 2Page - ON Semiconductor AX8052F131 Datasheet HTML 3Page - ON Semiconductor AX8052F131 Datasheet HTML 4Page - ON Semiconductor AX8052F131 Datasheet HTML 5Page - ON Semiconductor AX8052F131 Datasheet HTML 6Page - ON Semiconductor AX8052F131 Datasheet HTML 7Page - ON Semiconductor AX8052F131 Datasheet HTML 8Page - ON Semiconductor AX8052F131 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
© Semiconductor Components Industries, LLC, 2016
May, 2016 − Rev. 3
1
Publication Order Number:
AX8052F131/D
AX8052F131
SoC Ultra-Low Power
RF-Microcontroller for the
400 - 470 MHz and
800 - 940 MHz Bands
OVERVIEW
The AX8052F131 is a single chip ultra−low−power
RF−microcontroller SoC primarily for use in SRD bands. The on−chip
transmitter consists of a fully integrated RF front−end with modulator,
and demodulator. Base band data processing is implemented in an
advanced and flexible communication controller that enables user
friendly communication.
Features
SoC Ultra−low Power RF−microcontroller for Wireless
Communication Applications
• QFN40 Package
• Supply Range 2.2 V − 3.6 V (1.8 V MCU)
• −40°C to 85°C
• Ultra−low Power Consumption:
♦ CPU Active Mode 150
mA/MHz
♦ Sleep Mode with 256 Byte RAM Retention and
Wake−up Timer running 900 nA
♦ Sleep Mode 4 kByte RAM Retention and Wake−up
Timer running 1.9
mA
♦ Sleep Mode 8 kByte RAM Retention and Wake−up
Timer running 2.6
mA
♦ Radio TX−mode 22 mA at 10 dBm Output Power
AX8052 Features
• Ultra−low Power MCU Core Compatible with Industry
Standard 8052 Instruction Set
• Down to 250 nA Wake−up Current
• Single Cycle/Instruction for many Instructions
• 64 kByte In−system Programmable FLASH
• Code Protection Lock
• 8.25 kByte SRAM
• 3−wire (1 dedicated, 2 shared) In−circuit Debug
Interface
• Three 16−bit Timers with SD Output Capability
• Two 16−bit Wakeup Timers
• Two Input Captures
• Two Output Compares with PWM Capability
• 10−bit 500 ksample/s Analog−to−Digital Converter
• Temperature Sensor
• Two Analog Comparators
• Two UARTs
• One General Purpose Master/Slave SPI
• Two Channel DMA Controller
• Multi−megabit/s AES Encryption/Decryption Engine
with True Random Number Generator (TRNG),
supports AES−128, AES−192 and AES−256
NOTE: The AES Engine and the TRNG require
Software Enabling and Support.
• Ultra−low Power 10 kHz/640 Hz Wakeup Oscillator,
with Automatic Calibration against a Precise Clock
• Internal 20 MHz RC Oscillator, with Automatic
Calibration against a Precise Clock for Flexible System
Clocking
• Low Frequency Tuning Fork Crystal Oscillator for
Accurate Low Power Time Keeping
• Brown−out and Power−on−Reset Detection
High−performance RF Transmitter compatible to AX5031
• 400 − 470 MHz and 800 − 940 MHz SRD Bands
• −5 dBm to +15 dBm Programmable Output
• 13 mA @ 0 dBm, 868 MHz
• 22 mA @ 10 dBm, 868 Mhz
• 44 mA @ 15 dBm, 868 Mhz
• Wide Variety of Shaped Modulations Supported
(ASK, PSK, OQPSK, MSK, FSK, GFSK, 4−FSK)
• Flexible Shaping for the Modulations
www.onsemi.com
ORDERING INFORMATION
Device
Type
Qty
AX8052F131−2−TB05
Tape & Reel
500
AX8052F131−2−TX30
Tape & Reel
3,000
QFN40 7x5, 0.5P
CASE 485EG
40
1


Similar Part No. - AX8052F131

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX8052F131 ONSEMI-AX8052F131 Datasheet
781Kb / 46P
SoC Ultra-Low Power RF-Microcontroller
Revision 2
AX8052F131 ONSEMI-AX8052F131 Datasheet
338Kb / 30P
SoC Ultra-Low Power RF-Microcontroller
August, 2017 ??Rev. 4
AX8052F131-2-TB05 ONSEMI-AX8052F131-2-TB05 Datasheet
338Kb / 30P
SoC Ultra-Low Power RF-Microcontroller
August, 2017 ??Rev. 4
AX8052F131-2-TX30 ONSEMI-AX8052F131-2-TX30 Datasheet
338Kb / 30P
SoC Ultra-Low Power RF-Microcontroller
August, 2017 ??Rev. 4
AX8052F131-3-TB05 ONSEMI-AX8052F131-3-TB05 Datasheet
338Kb / 30P
SoC Ultra-Low Power RF-Microcontroller
August, 2017 ??Rev. 4
More results

Similar Description - AX8052F131

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX8052F131 ONSEMI-AX8052F131 Datasheet
781Kb / 46P
SoC Ultra-Low Power RF-Microcontroller
Revision 2
AX8052F143 ONSEMI-AX8052F143 Datasheet
470Kb / 45P
SoC Ultra-Low Power RF-Microcontroller
November, 2015 ??Rev. 3
AX8052F151 ONSEMI-AX8052F151 Datasheet
545Kb / 51P
SoC Ultra-Low Power RF-Microcontroller
Revision 2
AX8052F151 ONSEMI-AX8052F151_16 Datasheet
331Kb / 34P
SoC Ultra-Low Power RF-Microcontroller
May, 2016 ??Rev. 3
AX8052F131 ONSEMI-AX8052F131_17 Datasheet
338Kb / 30P
SoC Ultra-Low Power RF-Microcontroller
August, 2017 ??Rev. 4
AX8052F143 ONSEMI-AX8052F143_17 Datasheet
467Kb / 45P
SoC Ultra-Low Power RF-Microcontroller
August, 2017 ??Rev. 4
logo
ATMEL Corporation
ATBTLC1000 ATMEL-ATBTLC1000 Datasheet
2Mb / 52P
Ultra Low Power BLE 4.1 SoC
logo
ON Semiconductor
AXM0F243 ONSEMI-AXM0F243 Datasheet
544Kb / 53P
SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
March, 2020 ??Rev. 2
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
Renesas Technology Corp
DA16200 RENESAS-DA16200 Datasheet
3Mb / 154P
Ultra Low Power Wi-Fi SoC
04-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com