Electronic Components Datasheet Search
  English  ▼

X  

AX8052F131 Datasheet(PDF) 20 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button AX8052F131 Datasheet HTML 16Page - ON Semiconductor AX8052F131 Datasheet HTML 17Page - ON Semiconductor AX8052F131 Datasheet HTML 18Page - ON Semiconductor AX8052F131 Datasheet HTML 19Page - ON Semiconductor AX8052F131 Datasheet HTML 20Page - ON Semiconductor AX8052F131 Datasheet HTML 21Page - ON Semiconductor AX8052F131 Datasheet HTML 22Page - ON Semiconductor AX8052F131 Datasheet HTML 23Page - ON Semiconductor AX8052F131 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
AX8052F131
www.onsemi.com
20
AES Engine
The AX8052F131 contains a dedicated engine for the
government mandated Advanced Encryption Standard
(AES). It features a dedicated DMA engine and reads input
data as well as key stream data from the XRAM, and writes
output data into a programmable buffer in the XRAM. The
round number is programmable; the chip therefore supports
AES−128, AES−192, and AES−256, as well as higher
security proprietary variants. Keystream (key expansion) is
performed in software, adding to the flexibility of the AES
engine. ECB (electronic codebook), CFB (cipher feedback)
and OFB (output feedback) modes are directly supported
without software intervention.
Crystal Oscillator (RF Reference Oscillator)
The on−chip crystal oscillator allows the use of an
inexpensive quartz crystal as the RF generation subsystem’s
timing reference. Although a wider range of crystal
frequencies can be handled by the crystal oscillator circuit,
it is recommended to use 16 MHz as reference frequency for
ASK and PSK modulations independent of the data rate. For
FSK it is recommended to use a 16 MHz crystal for data rates
below 200 kbps and 24 MHz for data rates above 200 kbps.
The oscillator circuit is enabled by programming the
AX5031_PWRMODE register. At power−up it is not
enabled.
To adjust the circuit’s characteristics to the quartz crystal
being used, without using additional external components,
both the transconductance and the tuning capacitance of the
crystal oscillator can be programmed.
The transconductance is programmed via register bits
XTALOSCGM[3:0] in register AX5031_XTALOSC.
The integrated programmable tuning capacitor bank
makes it possible to connect the oscillator directly to pins
CLK16N and CLK16P without the need for external
capacitors. It is programmed using bits XTALCAP[5:0] in
register AX5031_XTALCAP.
Alternatively a single ended reference (TCXO, CXO)
may be used. The CMOS levels should be applied to
CLK16P via an AC coupling with the crystal oscillator
enabled.
SYSCLK Output
The SYSCLK pin outputs the RF reference clock signal
divided by a programmable integer. Divisions from 1 to
2048 are possible. For divider ratios > 1 the duty cycle is
50%. Bits SYSCLK[3:0] in the AX5031_PINCFG1 register
set the divider ratio. The SYSCLK output can be disabled.
Power−on−Reset (POR) and RESET_N Input
AX8052F131 has an integrated power−on−reset block
which is edge sensitive to VDD_IO. For many common
application cases no external reset circuitry is required.
However, if VDD_IO ramps cannot be guaranteed, an
external reset circuit is recommended. For detailed
recommendations and requirements see the AX8052
Application Note: Power On Reset.
After POR or reset all registers are set to their default
values.
The RESET_N pin contains a weak pull−up. However, it
is strongly recommended to connect the RESET_N pin to
VDD_IO if not used, for additional robustness.
The AX8052F131 can be reset by software as well. The
microcontroller is reset by writing 1 to the SWRESET bit of
the PCON register. The transmitter can be reset by first
writing 1 and then 0 to the RST bit in the
AX5031_PWRMODE register.
Ports
VDDIO
PORTx.y
DIRx.y
Special Function
PALTx.y
PINx read clock
PINx.y
Interrupt
INTCHGx.y
ANALOGx.y
65 kW
Figure 8. Port Pin Schematic
Figure 8 shows the GPIO logic. The DIR register bit
determines whether the port pin acts as an output (1) or an
input (0).
If configured as an output, the PALT register bit
determines whether the port pin is connected to a peripheral
output (1), or used as a GPIO pin (0). In the latter case, the
PORT register bit determines the port pin drive value.
If configured as an input, the PORT register bit determines
whether a pull−up resistor is enabled (1) or disabled (0).
Inputs have Schmitt−trigger characteristic. Port A inputs
may be disabled by setting the ANALOGA register bit; this
prevents additional current consumption if the voltage level
of the port pin is mid−way between logic low and logic high,
when the pin is used as an analog input.
Port A, B and C pins may interrupt the microcontroller if
their level changes. The INTCHG register bit enables the
interrupt. The PIN register bit reflects the value of the port
pin. Reading the PIN register also resets the interrupt if
interrupt on change is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com