Electronic Components Datasheet Search
  English  ▼

X  

AX8052F131 Datasheet(PDF) 18 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button AX8052F131 Datasheet HTML 14Page - ON Semiconductor AX8052F131 Datasheet HTML 15Page - ON Semiconductor AX8052F131 Datasheet HTML 16Page - ON Semiconductor AX8052F131 Datasheet HTML 17Page - ON Semiconductor AX8052F131 Datasheet HTML 18Page - ON Semiconductor AX8052F131 Datasheet HTML 19Page - ON Semiconductor AX8052F131 Datasheet HTML 20Page - ON Semiconductor AX8052F131 Datasheet HTML 21Page - ON Semiconductor AX8052F131 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
AX8052F131
www.onsemi.com
18
of the old and the new clock. Switching may take longer if
the new oscillator first has to start up. Internal oscillators
start up instantaneously, but crystal oscillators may take a
considerable amount of time to start the oscillation.
CLKSTAT can be read to determine the clock switching
status.
A programmable clock monitor resets the CLKCON
register when no system clock transitions are found during
a programmable time interval, thus reverts to the internal RC
oscillator.
Both internal oscillators can be slaved to one of the crystal
oscillators to increase the accuracy of the oscillation
frequency. While the reference oscillator runs, the internal
oscillator is slaved to the reference frequency by a digital
frequency locked loop. When the reference oscillator is
switched off, the internal oscillator continues to run
unslaved with the last frequency setting.
Reset and Interrupts
After reset, the microcontroller starts executing at address
0x0000. Several events can lead to resetting the
microcontroller core:
• POR or hardware RESET_N pin activated and released
• Leaving SLEEP or DEEPSLEEP mode
• Watchdog Reset
• Software Reset
The reset cause can be determined by reading the PCON
register.
The microcontroller supports 22 interrupt sources. Each
interrupt can be individually enabled and can be
programmed to have one of two possible priorities. The
interrupt vectors are located at 0x0003, 0x000B,
…,
0x00AB.
Debugging
A hardware debug unit considerably eases debugging
compared to other 8052 microcontrollers. It allows to
reliably stop the microcontroller at breakpoints even if the
stack is smashed. The debug unit communicates with the
host PC running the debugger using a 3 wire interface. One
wire is dedicated (DBG_EN), while two wires are shared
with GPIO pins (PB6, PB7). When DBG_EN is driven high,
PB6 and PB7 convert to debug interface pins and the GPIO
functionality is no longer available. A pin emulation feature
however allows bits PINB[7:6] to be set and PORTB[7:6]
and DIRB[7:6] to be read by the debugger software. This
allows for example switches or LEDs connected to the PB6,
PB7 pins to be emulated in the debugger software whenever
the debugger is active.
In order to protect the intellectual property of the firmware
developer, the debug interface can be locked using a
developer−selectable 64−bit key. The debug interface is then
disabled and can only be enabled with the knowledge of this
64−bit key. Therefore, unauthorized persons cannot read the
firmware through the debug interface, but debugging is still
possible for authorized persons. Secure erase can be initiated
without key knowledge; secure erase ensures that the main
FLASH array is completely erased before erasing the key,
reverting the chip into factory state.
The DebugLink peripheral looks like an UART to the
microcontroller, and allows exchange of data between the
microcontroller and the host PC without disrupting program
execution.
Timer, Output Compare and Input Capture
The AX8052F131 features three general purpose 16−bit
timers. Each timer can be clocked by the system clock, any
of the available oscillators, or a dedicated input pin. The
timers also feature a programmable clock inversion, a
programmable prescaler that can divide by powers of two,
and an optional clock synchronization logic that
synchronizes the clock to the system clock. All three
counters are identical and feature four different counting
modes, as well as a
SD mode that can be used to output an
analog value on a dedicated digital pin only employing a
simple RC lowpass filter.
Two output compare units work in conjunction with one
of the timers to generate PWM signals.
Two input capture units work in conjunction with one of
the timers to measure transitions on an input signal.
For software timekeeping, two additional 16−bit wakeup
timers with 4 16−bit event registers are provided, generating
an interrupt on match events.
UART
The AX8052F131 features two universal asynchronous
receiver transmitters. They use one of the timers as baud rate
generator. Word length can be programmed from 5 to 9 bits.
SPI Master/Slave Controller
The AX8052F131 features a master/slave SPI controller.
Both 3 and 4 wire SPI variants are supported. In master
mode, any of the on−chip oscillators or the system clock may
be selected as clock source. An additional prescaler with
divide by two capability provides additional clocking
flexibility. Shift direction, as well as clock phase and
inversion, are programmable.
ADC, Analog Comparators and Temperature Sensor
The AX8052F131 features a 10−bit, 500 kSample/s
Analog to Digital converter. Figure 7 shows the block
diagram of the ADC. The ADC supports both single ended
and differential measurements. It uses an internal reference
of 1 V.
×1, ×10 and ×0.1 gain modes are provided. The ADC
may digitize signals on PA0
…PA7, as well as VDD_IO and
an internal temperature sensor. The user can define four
channels which are then converted sequentially and stored
in four separate result registers. Each channel configuration
consists of the multiplexer and the gain setting.
The AX8052F131 contains an on−chip temperature
sensor. Built−in calibration logic allows the temperature
sensor to be calibrated in
°C, °F or any other user defined
temperature scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com