Electronic Components Datasheet Search
  English  ▼

X  

AX8052F131 Datasheet(PDF) 19 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button AX8052F131 Datasheet HTML 15Page - ON Semiconductor AX8052F131 Datasheet HTML 16Page - ON Semiconductor AX8052F131 Datasheet HTML 17Page - ON Semiconductor AX8052F131 Datasheet HTML 18Page - ON Semiconductor AX8052F131 Datasheet HTML 19Page - ON Semiconductor AX8052F131 Datasheet HTML 20Page - ON Semiconductor AX8052F131 Datasheet HTML 21Page - ON Semiconductor AX8052F131 Datasheet HTML 22Page - ON Semiconductor AX8052F131 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AX8052F131
www.onsemi.com
19
The AX8052F131 also features two analog comparators.
Each comparator can either compare two voltages on
dedicated PA pins, or one voltage against the internal 1 V
reference. The comparator output can be routed to a
dedicated digital output pin or can be read by software. The
comparators are clocked with the system clock.
Figure 7. ADC Block Diagram
Temperature
Sensor
ADC Core
Clock
Trigger
Gain
Ref
VREF
1 V
VDDIO
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
PPP
NNN
One Shot
Free Running
Timer 0
Timer 1
Timer 2
PC4
ADC Result
ACOMP1REF
ACOMP1ST/PA7/PC1
ACOMP1IN
ACOMP1INV
ACOMP0IN
ACOMP0REF
ACOMP0INV
ACOMP0ST/PA4/PC3
System Clock
ADCCONV
Single Ended
0.5 V
DMA Controller
The AX8052F131 features a dual channel DMA engine.
Each DMA channel can either transfer data from XRAM to
almost any peripheral on chip, or from almost any peripheral
to XRAM. Both channels may also be cross−linked for
memory−memory transfers. The DMA channels use buffer
descriptors to find the buffers where data is to be retrieved
or placed, thus enabling very flexible buffering strategies.
The DMA channels access XRAM in a cycle steal fashion.
They access XRAM whenever XRAM is not used by the
microcontroller. Their priority is lower than the
microcontroller, thus interfering very little with the
microcontroller. Additional logic prevents starvation of the
DMA controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com