Electronic Components Datasheet Search
  English  ▼

X  

AX8052F131 Datasheet(PDF) 23 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button AX8052F131 Datasheet HTML 19Page - ON Semiconductor AX8052F131 Datasheet HTML 20Page - ON Semiconductor AX8052F131 Datasheet HTML 21Page - ON Semiconductor AX8052F131 Datasheet HTML 22Page - ON Semiconductor AX8052F131 Datasheet HTML 23Page - ON Semiconductor AX8052F131 Datasheet HTML 24Page - ON Semiconductor AX8052F131 Datasheet HTML 25Page - ON Semiconductor AX8052F131 Datasheet HTML 26Page - ON Semiconductor AX8052F131 Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AX8052F131
www.onsemi.com
23
Modulator
Depending on the transmitter settings the modulator generates various inputs for the PA:
Table 18.
Modulation
Bit = 0
Bit = 1
Main Lobe Bandwidth
Max. Bitrate
ASK
PA off
PA on
BW = BITRATE
2000 kBit/s
FSK / MSK / GFSK
Df = −fdeviation
Df = +fdeviation
BW = (1 + h) ⋅BITRATE
350 kBit/s
PSK
DF = 0°
DF = 180°
BW = BITRATE
2000 kBit/s
h
= modulation index. It is the ratio of the
deviation compared to the bit−rate;
fdeviation = 0.5⋅h⋅BITRATE, AX8052F131 can
demodulate signals with h < 32.
ASK
= amplitude shift keying
FSK
= frequency shift keying
MSK
= minimum shift keying; MSK is a special case
of FSK, where h = 0.5, and therefore
fdeviation = 0.25⋅BITRATE; the advantage of
MSK over FSK is that it can be demodulated
more robustly.
PSK
= phase shift keying
OQPSK = offset quadrature shift keying. The
AX8052F131 supports OQPSK. However,
unless compatibility to an existing system is
required, MSK should be preferred.
4−FSK = four frequencies are used to transmit two bits
simultaneously during each symbol
All modulation schemes are binary.
Table 19.
Modulation
Symbol = 00
Symbol = 01
Symbol = 10
Symbol = 11
Max. Bitrate
4−FSK
Df = −3⋅fdeviation
Df = −fdeviation
Df = +fdeviation
Df = +3⋅fdeviation
400 kBit/s
PWRMODE Register
The AX8052F131 transmitter features its own
independent power management, independent from the
microcontroller. While the microcontroller power mode is
controlled
through
the
PCON
register,
the
AX5031_PWRMODE register controls which parts of the
transmitter are operating.
Table 20. PWRMODE REGISTER
AX5031_PWRMODE
Register
Name
Description
0000
POWERDOWN
All digital and analog transmitter functions, except the register file, are disabled.
VREG is reduced to conserve leakage power. The registers are still accessible.
0100
VREGON
All digital and analog transmitter functions, except the register file, are disabled.
VREG, however is at its nominal value for operation, and all registers are accessible.
0101
STANDBY
The crystal oscillator is powered on; the transmitter is off.
1100
SYNTHTX
The synthesizer is running on the transmit frequency. The transmitter is still off. This mode
is used to let the synthesizer settle on the correct frequency for transmit.
1101
FULLTX
Synthesizer and transmitter are running. Do not switch into this mode before the
synthesizer has completely settled on the transmit frequency (in SYNTHTX mode),
otherwise spurious spectral transmissions will occur.
Table 21. A TYPICAL AX5031_PWRMODE SEQUENCE FOR A TRANSMIT SESSION
Step
PWRMODE [3:0]
Remarks
1
POWERDOWN
2
STANDBY
The settling time is dominated by the crystal used, typical value 3 ms.
4
SYNTHTX
The synthesizer settling time is 5 – 50 ms depending on settings, see section AC Characteristics
3
FULLTX
Data transmission
4
POWERDOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com