Electronic Components Datasheet Search
  English  ▼

X  

AX8052F151 Datasheet(PDF) 9 Page - ON Semiconductor

Part # AX8052F151
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F151 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AX8052F151 Datasheet HTML 5Page - ON Semiconductor AX8052F151 Datasheet HTML 6Page - ON Semiconductor AX8052F151 Datasheet HTML 7Page - ON Semiconductor AX8052F151 Datasheet HTML 8Page - ON Semiconductor AX8052F151 Datasheet HTML 9Page - ON Semiconductor AX8052F151 Datasheet HTML 10Page - ON Semiconductor AX8052F151 Datasheet HTML 11Page - ON Semiconductor AX8052F151 Datasheet HTML 12Page - ON Semiconductor AX8052F151 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
AX8052F151
www.onsemi.com
9
Table 6. LOGIC
Symbol
Description
Condition
Min
Typ
Max
Units
Digital Inputs
VT+
Schmitt trigger low to high threshold point
VDD_IO = 3.3 V
1.55
V
VT−
Schmitt trigger high to low threshold point
1.25
V
VIL
Input voltage, low
0.8
V
VIH
Input voltage, high
2.0
V
VIPA
Input voltage range, Port A
−0.5
VDD_IO
V
VIPBC
Input voltage range, Ports B, C
−0.5
5.5
V
IL
Input leakage current
−10
10
mA
RPU
Programmable Pull−Up Resistance
65
kW
Digital Outputs
IOH
P[ABC]x Output Current, high
VOH = 2.4 V
8
mA
IOL
P[ABC]x Output Current, low
VOL = 0.4 V
8
mA
IOH
SYSCLK Output Current, high
VOH = 2.4 V
8
mA
IOL
SYSCLK Output Current, low
VOL = 0.4 V
8
mA
IOZ
Tri−state output leakage current
−10
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com