Electronic Components Datasheet Search
  English  ▼

X  

AX8052F151 Datasheet(PDF) 16 Page - ON Semiconductor

Part # AX8052F151
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F151 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button AX8052F151 Datasheet HTML 12Page - ON Semiconductor AX8052F151 Datasheet HTML 13Page - ON Semiconductor AX8052F151 Datasheet HTML 14Page - ON Semiconductor AX8052F151 Datasheet HTML 15Page - ON Semiconductor AX8052F151 Datasheet HTML 16Page - ON Semiconductor AX8052F151 Datasheet HTML 17Page - ON Semiconductor AX8052F151 Datasheet HTML 18Page - ON Semiconductor AX8052F151 Datasheet HTML 19Page - ON Semiconductor AX8052F151 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
AX8052F151
www.onsemi.com
16
CIRCUIT DESCRIPTION
The AX8052F151 is a single chip ultra−low−power
RF−microcontroller SoC primarily for use in SRD bands.
The on−chip transceiver consists of a fully integrated RF
front−end with modulator, and demodulator. Base band data
processing is implemented in an advanced and flexible
communication controller that enables user friendly
communication.
The AX8052F151 contains a high speed microcontroller
compatible to the industry standard 8052 instruction set. It
contains 64 kBytes of FLASH and 8.25 kBytes of internal
SRAM.
The AX8052F151 features 3 16−bit general purpose
timers with
SD capability, 2 output compare units for
generating PWM signals, 2 input compare units to record
timings of external signals, 2 16−bit wakeup timers, a
watchdog timer, 2 UARTs, a Master/Slave SPI controller, a
10−bit 500 kSample/s A/D converter, 2 analog comparators,
a temperature sensor, a 2 channel DMA controller, and a
dedicated AES crypto controller. Debugging is aided by a
dedicated hardware debug interface controller that connects
using a 3−wire protocol (1 dedicated wire, 2 shared with
GPIO) to the PC hosting the debug software.
While the radio carrier/LO synthesizer can only be
clocked by the crystal oscillator (carrier stability
requirements dictate a high stability reference clock in the
MHz range), the microcontroller and its peripherals provide
extremely flexible clocking options. The system clock that
clocks the microcontroller, as well as peripheral clocks, can
be selected from one of the following clock sources: the
crystal oscillator, an internal high speed 20 MHz oscillator,
an internal low speed 640 Hz/10 kHz oscillator, or the low
frequency crystal oscillator. Prescalers offer additional
flexibility with their programmable divide by a power of two
capability. To improve the accuracy of the internal
oscillators, both oscillators may be slaved to the crystal
oscillator.
AX8052F151 can be operated from a 2.2 V to 3.6 V power
supply over a temperature range of –40
°C to 85°C, it
consumes 11 − 45 mA for transmitting, depending on the
output power, 19 − 20 mA for receiving in high sensitivity
mode and 17 − 18 mA for receiving in low power mode.
The AX8052F151 features make it an ideal interface for
integration into various battery powered SRD solutions such
as ticketing or as transceiver for telemetric applications e.g.
in sensors. As primary application, the transceiver is
intended for UHF radio equipment in accordance with the
European Telecommunication Standard Institute (ETSI)
specification EN 300 220−1 and the US Federal
Communications Commission (FCC) standard CFR47, part
15. The use of AX8052F151 in accordance to FCC Par
15.247, allows for improved range in the 915 MHz band.
Additionally AX8052F151 is compatible with the low
frequency standards of 802.15.4 (ZigBee) and suited for
systems targeting compliance with Wireless M−Bus
standard EN 13757−4:2005.
The AX8052F151 sends and receives data in frames. This
standard operation mode is called Frame Mode. Pre and post
ambles as well as checksums can be generated
automatically.
AX8052F151 supports any data rate from 1 kbps to
350 kbps for FSK and MSK, from 1 kbps to 600 kbps for
ASK and from 10 kbps to 600 kbps for PSK. To achieve
optimum performance for specific data rates and
modulation schemes several register settings to configure
the AX8052F151 are necessary, they are outlined in the
following, for details see the AX5051 Programming
Manual.
Spreading and despreading is possible on all data rates and
modulation schemes. The net transfer rate is reduced by a
factor of 15 in this case. For ZigBee either 600 or 300 kbps
modes have to be chosen.
The receiver supports multi−channel operation for all data
rates and modulation schemes.
Microcontroller
The AX8052F151 microcontroller core executes the
industry standard 8052 instruction set. Unlike the original
8052, many instructions are executed in a single cycle. The
system clock and thus the instruction rate can be
programmed freely from DC to 20 MHz.
Memory Architecture
The AX8052 Microcontroller features the highest
bandwidth memory architecture of its class. Figure 4 shows
the memory architecture. Three bus masters may initiate bus
cycles:
• The AX8052 Microcontroller Core
• The Direct Memory Access (DMA) Engine
• The Advanced Encryption Standard (AES) Engine
Bus targets include:
• Two individual 4 kBytes RAM blocks located in X
address space, which can be simultaneously accessed
and individually shut down or retained during sleep
mode
• A 256 Byte RAM located in internal address space,
which is always retained during sleep mode
• A 64 kBytes FLASH memory located in code space.
• Special Function Registers (SFR) located in internal
address space accessible using direct address mode
instructions
• Additional Registers located in X address space
(X Registers)
The upper half of the FLASH memory may also be
accessed through the X address space. This simplifies and
makes the software more efficient by reducing the need for
generic pointers.
NOTE: Generic pointers include, in addition to the
address, an address space tag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com