Electronic Components Datasheet Search
  English  ▼

X  

AX8052F151 Datasheet(PDF) 28 Page - ON Semiconductor

Part # AX8052F151
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F151 Datasheet(HTML) 28 Page - ON Semiconductor

Back Button AX8052F151 Datasheet HTML 24Page - ON Semiconductor AX8052F151 Datasheet HTML 25Page - ON Semiconductor AX8052F151 Datasheet HTML 26Page - ON Semiconductor AX8052F151 Datasheet HTML 27Page - ON Semiconductor AX8052F151 Datasheet HTML 28Page - ON Semiconductor AX8052F151 Datasheet HTML 29Page - ON Semiconductor AX8052F151 Datasheet HTML 30Page - ON Semiconductor AX8052F151 Datasheet HTML 31Page - ON Semiconductor AX8052F151 Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
AX8052F151
www.onsemi.com
28
Table 22. PWRMODE REGISTER
AX5051_PWRMODE
Register
Description
Name
1000
SYNTHRX
The synthesizer is running on the receive frequency. Transmitter and receiver are still off.
This mode is used to let the synthesizer settle on the correct frequency for receive.
1001
FULLRX
Synthesizer and receiver are running.
1100
SYNTHTX
The synthesizer is running on the transmit frequency. Transmitter and receiver are still off.
This mode is used to let the synthesizer settle on the correct frequency for transmit.
1101
FULLTX
Synthesizer and transmitter are running. Do not switch into this mode before the
synthesizer has completely settled on the transmit frequency (in SYNTHTX mode),
otherwise spurious spectral transmissions will occur.
Table 23. A TYPICAL AX5051_PWRMODE SEQUENCE FOR A TRANSMIT SESSION
Step
PWRMODE
Remarks
1
POWERDOWN
2
STANDBY
The settling time is dominated by the crystal used, typical value 3 ms.
3
SYNTHTX
The synthesizer settling time is 5 – 50 ms depending on settings, see section AC Characteristics
4
FULLTX
Data transmission
5
SYNTHTX
This step must be programmed after FULLTX mode, or the device will not enter
POWERDOWN or STANDBY mode.
6
POWERDOWN
Table 24. A TYPICAL AX5051_PWRMODE SEQUENCE FOR A RECEIVE SESSION
Step
PWRMODE [3:0]
Remarks
1
POWERDOWN
2
STANDBY
The settling time is dominated by the crystal used, typical value 3 ms.
3
SYNTHRX
The synthesizer settling time is 5 – 50 ms depending on settings, see section AC Characteristics
4
FULLRX
Data reception
5
POWERDOWN
Voltage Regulator
The AX8052F151 transceiver uses its own dedicated
on−chip voltage regulator to create a stable supply voltage
for the transceiver circuitry at pin VREG from the primary
supply VDD_IO. All VDDA pins of the device must be
connected to VREG. The antenna pins ANTP and ANTN
must be DC biased to VREG. The I/O level of the digital pins
is VDD_IO.
The voltage regulator requires a 1
mF low ESR capacitor
at pin VREG.
In power−down mode the voltage regulator typically
outputs 1.7 V at VREG, if it is powered−up its output rises
to typically 2.5 V. At device power−up the regulator is in
power−down mode.
The voltage regulator must be powered−up before receive
or transmit operations can be initiated. This is handled
automatically when programming the device modes via the
AX5051_PWRMODE register.
Register VREG contains status bits that can be read to
check if the regulated voltage is above 1.3 V or 2.3 V, sticky
versions of the bits are provided that can be used to detect
low power events (brown−out detection).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com