Electronic Components Datasheet Search
  English  ▼

X  

AX8052F151 Datasheet(PDF) 18 Page - ON Semiconductor

Part # AX8052F151
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F151 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button AX8052F151 Datasheet HTML 14Page - ON Semiconductor AX8052F151 Datasheet HTML 15Page - ON Semiconductor AX8052F151 Datasheet HTML 16Page - ON Semiconductor AX8052F151 Datasheet HTML 17Page - ON Semiconductor AX8052F151 Datasheet HTML 18Page - ON Semiconductor AX8052F151 Datasheet HTML 19Page - ON Semiconductor AX8052F151 Datasheet HTML 20Page - ON Semiconductor AX8052F151 Datasheet HTML 21Page - ON Semiconductor AX8052F151 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
AX8052F151
www.onsemi.com
18
Figure 5. AX8052 Memory Map
XRAM
FLASH
0000−007F
0080−00FF
0100−1FFF
2000−207F
2080−3F7F
3F80−3FFF
4000−4FFF
5000−5FFF
6000−7FFF
8000−FBFF
FC00−FFFF
Address
Calibration Data
IRAM
IRAM
P (Code) Space
X Space
I (internal) Space
direct access
indirect access
SFR
IRAM
SFR
RREG
RREG (nb)
XREG
FLASH
Calibration Data
The AX8052 uses P or Code Space to access its program.
Code space may also be read using the MOVC instruction.
Smaller amounts of data can be placed in the Internal (see
Note) or Data Space. A distinction is made in the upper half
of the Data Space between direct accesses (MOV reg,addr;
MOV addr,reg) and indirect accesses (MOV reg,@Ri;
MOV @Ri,reg; PUSH; POP); Direct accesses are routed to
the Special Function Registers, while indirect accesses are
routed to the internal RAM.
NOTE: The origin of Internal versus External (X) Space
is historical. External Space used to be outside
of the chip on the original 8052
Microcontrollers.
Large amounts of data can be placed in the External or X
Space. It can be accessed using the MOVX instructions.
Special Function Registers, as well as additional
Microcontroller Registers (XREG) and the Radio Registers
(RREG) are also mapped into the X Space.
Detailed documentation of the Special Function Registers
(SFR) and additional Microcontroller Registers can be
found in the AX8052 Programming Manual.
The Radio Registers are documented in the AX5051
Programming Manual. Register Addresses given in the
AX5051 Programming Manual are relative to the beginning
of RREG, i.e. 0x4000 must be added to these addresses. It
is recommended that the provided AX8052F151.h header
file is used; Radio Registers are prefixed with AX5051_ in
the AX8052F151.h header file to avoid clashes of
same−name Radio Registers with AX8052 registers.
Normally, accessing Radio Registers through the RREG
address range is adequate. Since Radio Register accesses
have a higher latency than other AX8052 registers, the
AX8052 provides a method for non−blocking access to the
Radio Registers. Accessing the RREG (nb) address range
initiates a Radio Register access, but does not wait for its
completion. The details of mechanism is documented in the
Radio Interface section of the AX8052 Programming
Manual.
The FLASH memory is organized as 64 pages of 1 kBytes
each. Each page can be individually erased. The write word
size is 16 Bits. The last 1 kByte page is dedicated to factory
calibration data and should not be overwritten.
Power Management
The microcontroller power mode can be selected
independently from the transceiver. The microcontroller
supports the following power modes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com