Electronic Components Datasheet Search
  English  ▼

X  

AX8052F151 Datasheet(PDF) 30 Page - ON Semiconductor

Part # AX8052F151
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F151 Datasheet(HTML) 30 Page - ON Semiconductor

Back Button AX8052F151 Datasheet HTML 26Page - ON Semiconductor AX8052F151 Datasheet HTML 27Page - ON Semiconductor AX8052F151 Datasheet HTML 28Page - ON Semiconductor AX8052F151 Datasheet HTML 29Page - ON Semiconductor AX8052F151 Datasheet HTML 30Page - ON Semiconductor AX8052F151 Datasheet HTML 31Page - ON Semiconductor AX8052F151 Datasheet HTML 32Page - ON Semiconductor AX8052F151 Datasheet HTML 33Page - ON Semiconductor AX8052F151 Datasheet HTML 34Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
AX8052F151
www.onsemi.com
30
Antenna Interface Circuitry
The ANTP and ANTN pins provide RF input to the LNA
when AX8052F151 is in receiving mode, and RF output
from the PA when AX8052F151 is in transmitting mode. A
small antenna can be connected with an optional translation
network. The network must provide DC power to the PA and
LNA. A biasing to VREG is necessary.
Beside biasing and impedance matching, the proposed
networks also provide low pass filtering to limit spurious
emission.
Single−ended Antenna Interface
Figure 10. Structure of the Antenna Interface to 50 W Single−ended Equipment or Antenna
CC1
CB1
LT2
IC Antenna
Pins
VREG
VREG
LT1
LC2
LC1
CM1
LB1
CB2
LB2
CF1
CF2
LF1
CT1
CT2
CC2
CM2
50 W single−ended
equipment or
antenna
Optional filter stage
to suppress TX
harmonics
Table 25.
Frequency Band
LC1,2
[nH]
CC1,2
[pF]
LT1,2
[nH]
CT1,2
[pF]
CM1,2
[pF]
LB1,2
[nH]
CB1,2
[pF]
LF1
[nH]
CF1,2
[pF]
868 / 915 MHz
68
0.9
12
18
2.4
12
2.7
0 W
NC
433 MHz
120
2.2
39
7.5
6.0
27
5.2
0 W
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com