Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 18 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 18 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 14Page - PMC-Sierra, Inc PM5347 Datasheet HTML 15Page - PMC-Sierra, Inc PM5347 Datasheet HTML 16Page - PMC-Sierra, Inc PM5347 Datasheet HTML 17Page - PMC-Sierra, Inc PM5347 Datasheet HTML 18Page - PMC-Sierra, Inc PM5347 Datasheet HTML 19Page - PMC-Sierra, Inc PM5347 Datasheet HTML 20Page - PMC-Sierra, Inc PM5347 Datasheet HTML 21Page - PMC-Sierra, Inc PM5347 Datasheet HTML 22Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
2
• Extracts ATM cells from the received STS-3c/1 (STM-1) synchronous payload
envelope using ATM cell delineation and provides optional ATM cell payload
descrambling, header check sequence (HCS) error detection and correction,
and idle/unassigned cell filtering.
• Provides a generic 16 bit or 8 bit wide datapath interface to read extracted
cells from an internal four cell FIFO buffer.
• Extracts all transport overhead bytes and serializes them at 5.184 Mbit/s for
optional external processing.
• Extracts the section user channel (F1) and the orderwire channels (E1, E2)
and serializes them into three independent 64 kbit/s streams for optional
external processing.
• Extracts the data communication channels (D1-D3, D4-D12) and serializes
them at 192 kbit/s (D1-D3) and 576 kbit/s (D4-D12) for optional external
processing.
• Extracts all path overhead bytes and serializes them at 576 kbit/s for optional
external processing.
• Extracts the 16 or 64 byte section trace (J0) sequence and the 16 or 64 byte
path trace (J1) sequence into internal register banks.
• Detects loss of signal (LOS), out of frame (OOF), loss of frame (LOF), line
alarm indication signal (LAIS), line remote defect indication (LRDI), loss of
pointer (LOP), path alarm indication signal (PAIS), path remote defect
indication signal (PRDI) and loss of cell delineation (LCD).
• Counts received section BIP-8 (B1) errors, received line BIP-24/8 (B2) errors,
line far end block errors (M0 or M1), received path BIP-8 (B3) errors and path
far end block errors (G1) for performance monitoring purposes.
• Counts received cells written into the receive FIFO, received HCS errored
cells that are discarded, and received HCS errored cells that are corrected
and passed through the receive FIFO.
• Extracts and serializes the GFC field from all received cells (including
idle/unassigned cells) for external processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com