Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 40 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 40 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 36Page - PMC-Sierra, Inc PM5347 Datasheet HTML 37Page - PMC-Sierra, Inc PM5347 Datasheet HTML 38Page - PMC-Sierra, Inc PM5347 Datasheet HTML 39Page - PMC-Sierra, Inc PM5347 Datasheet HTML 40Page - PMC-Sierra, Inc PM5347 Datasheet HTML 41Page - PMC-Sierra, Inc PM5347 Datasheet HTML 42Page - PMC-Sierra, Inc PM5347 Datasheet HTML 43Page - PMC-Sierra, Inc PM5347 Datasheet HTML 44Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
24
Pin Name
Type
Pin
No.
Function
RSOC
Tristate
189
The receive start of cell (RSOC) signal marks the
start of cell on the RDAT[15:0] bus. When RSOC
is high, the first word of the cell structure is
present on the RDAT[15:0] bus. RSOC is updated
on the rising edge of RFCLK.
When the S/UNI-PLUS is configured for tristate
operation using the TSEN input, tristating of
output RSOC is control by input RRDENB.
RCA
Output
188
The receive cell available (RCA) signal indicates
when a cell is available in the receive FIFO. When
asserted, RCA indicates that the receive FIFO
has at least one cell available to be read. When
RCA is deasserted, the receive FIFO contains
only four words or is empty (as selected in the
RACP Interrupt Enable/Control register). RCA
default state can be selected in the S/UNI-PLUS
Master Control register. RCA is updated on the
rising edge of RFCLK. The active polarity of this
signal is programmable and defaults to active
high.
BUS8
Input
45
The bus width select (BUS8) input selects the
transmit and receive SCI-PHY interface types.
When BUS8 is tied high, the 8-bit wide SCI-PHY
interface is enabled. When BUS8 is tied low, the
16-bit wide SCI-PHY interface is selected.
TSEN
Input
44
The tristate enable (TSEN) signal allows tristate
control over outputs RDAT[15:0], RXPRTY[1:0]
and RSOC. When TSEN is high, the active low
receive read enable input, RRBENB controls
when outputs RDAT[15:0], RXPRTY[1:0] and
RSOC are driven. When TSEN is low, outputs
RDAT[15:0], RXPRTY[1:0] and RSOC are always
driven.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com