Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 9 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 9 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 5Page - PMC-Sierra, Inc PM5347 Datasheet HTML 6Page - PMC-Sierra, Inc PM5347 Datasheet HTML 7Page - PMC-Sierra, Inc PM5347 Datasheet HTML 8Page - PMC-Sierra, Inc PM5347 Datasheet HTML 9Page - PMC-Sierra, Inc PM5347 Datasheet HTML 10Page - PMC-Sierra, Inc PM5347 Datasheet HTML 11Page - PMC-Sierra, Inc PM5347 Datasheet HTML 12Page - PMC-Sierra, Inc PM5347 Datasheet HTML 13Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
vii
REGISTER 0X51: RACP INTERRUPT STATUS.................................................. 1
REGISTER 0X52: RACP INTERRUPT ENABLE/CONTROL .............................. 1
REGISTER 0X53: RACP MATCH HEADER PATTERN ....................................... 1
REGISTER 0X54: RACP MATCH HEADER MASK............................................. 1
REGISTER 0X55: RACP CORRECTABLE HCS ERROR COUNT (LSB) ........... 1
REGISTER 0X56: RACP CORRECTABLE HCS ERROR COUNT (MSB) .......... 1
REGISTER 0X57: RACP UNCORRECTABLE HCS ERROR COUNT (LSB) ...... 1
REGISTER 0X58: RACP UNCORRECTABLE HCS ERROR COUNT (MSB) ..... 1
REGISTER 0X59: RACP RECEIVE CELL COUNTER (LSB) ............................. 1
REGISTER 0X5A: RACP RECEIVE CELL COUNTER ....................................... 1
REGISTER 0X5B: RACP RECEIVE CELL COUNTER (MSB) ............................ 1
REGISTER 0X5C: RACP GFC CONTROL AND MISCELLANEOUS CONTROL1
REGISTER 0X60: TACP CONTROL/STATUS...................................................... 1
REGISTER 0X61: TACP IDLE/UNASSIGNED CELL HEADER PATTERN ...... 1
REGISTER 0X62: TACP IDLE/UNASSIGNED CELL PAYLOAD OCTET
PATTERN.................................................................................................. 1
REGISTER 0X63: TACP FIFO CONTROL........................................................... 1
REGISTER 0X64: TACP TRANSMIT CELL COUNTER (LSB) ............................ 1
REGISTER 0X65: TACP TRANSMIT CELL COUNTER ...................................... 1
REGISTER 0X66: TACP TRANSMIT CELL COUNTER (MSB) ........................... 1
REGISTER 0X67: TACP FIXED STUFF / GFC ................................................... 1
REGISTER 0X68: SPTB CONTROL ................................................................... 1
REGISTER 0X69: SPTB PATH TRACE IDENTIFIER STATUS ............................ 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com