Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 56 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 56 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 52Page - PMC-Sierra, Inc PM5347 Datasheet HTML 53Page - PMC-Sierra, Inc PM5347 Datasheet HTML 54Page - PMC-Sierra, Inc PM5347 Datasheet HTML 55Page - PMC-Sierra, Inc PM5347 Datasheet HTML 56Page - PMC-Sierra, Inc PM5347 Datasheet HTML 57Page - PMC-Sierra, Inc PM5347 Datasheet HTML 58Page - PMC-Sierra, Inc PM5347 Datasheet HTML 59Page - PMC-Sierra, Inc PM5347 Datasheet HTML 60Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
40
Pin Name
Type
Pin
No.
Function
TAVD1
Power
115
The power (TAVD1) pin for the transmit clock
synthesizer reference circuitry. TAVD1 should be
connected to a clean, well decoupled, +5V supply.
TAVS1
Ground
116
The ground (TAVS1) pin for the transmit clock
synthesizer reference circuitry. TAVS1 should be
connected to a clean ground reference.
TAVD2
Power
117
The power (TAVD2) pin for the transmit clock
synthesizer oscillator. TAVD2 should be
connected to a clean, well decoupled, +5V supply.
TAVS2
Ground
118
The ground (TAVS2) pin for the transmit clock
synthesizer oscillator. TAVS2 should be
connected to a clean ground reference.
TAVD3
Power
119
The power (TAVD3) pin for the transmit reference
clock (TRCLK+/-) inputs. TAVD3 should be
connected to a clean, well decoupled, +5V supply.
TAVS3
Ground
122
The ground (TAVS3) pin for the transmit reference
clock (TRCLK+/-) inputs. TAVS3 should be
connected to a clean ground reference.
TXVDD
Power
123
The transmit pad power (TXVDD) supplies the
TXC+/- and TXD+/- outputs. TXVDD is physically
isolated from the other device power pins and
should be a clean, well decoupled +5 V supply to
minimize the noise coupled into the transmit
stream.
TXVSS
Ground
128
The transmit pad ground (TXVSS) is the return
path for the TXC+/- and TXD+/- outputs. TXVSS
is physically isolated from the other device ground
pins and should be clean to minimize the noise
coupled into the transmit stream.
RAVD1
Power
147
The power (RAVD1) pin for receive clock and data
recovery block reference circuitry. RAVD1 should
be connected to a clean, well decoupled, +5V
supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com