Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 94 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 94 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 90Page - PMC-Sierra, Inc PM5347 Datasheet HTML 91Page - PMC-Sierra, Inc PM5347 Datasheet HTML 92Page - PMC-Sierra, Inc PM5347 Datasheet HTML 93Page - PMC-Sierra, Inc PM5347 Datasheet HTML 94Page - PMC-Sierra, Inc PM5347 Datasheet HTML 95Page - PMC-Sierra, Inc PM5347 Datasheet HTML 96Page - PMC-Sierra, Inc PM5347 Datasheet HTML 97Page - PMC-Sierra, Inc PM5347 Datasheet HTML 98Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
78
Register 0x00: S/UNI-PLUS Master Reset and Identity / Load Performance
Meters
Bit
Type
Function
Default
Bit 7
R/W
RESET
0
Bit 6
R
TYPE[2]
1
Bit 5
R
TYPE[1]
0
Bit 4
R
TYPE[0]
0
Bit 3
R
TIP
X
Bit 2
R
ID[2]
0
Bit 1
R
ID[1]
0
Bit 0
R
ID[0]
0
This register allows the revision of the S/UNI-PLUS to be read by software
permitting graceful migration to newer, feature enhanced versions of the
S/UNI-PLUS.
ID[2:0]:
The ID bits can be read to provide a binary S/UNI-PLUS revision number.
TIP:
The TIP bit is set to a logic one when any value is written to this register.
Such a write initiates an accumulation interval transfer and loads all the
performance meter registers in the RSOP, RLOP, RPOP, RACP, and TACP
blocks. TIP remains high while the transfer is in progress, and is set to a logic
zero when the transfer is complete. TIP can be polled by a microprocessor to
determine when the accumulation interval transfer is complete.
TYPE[2:0]:
The TYPE bits can be read to distinguish the S/UNI-PLUS from the other
members of the S/UNI family of devices.
RESET:
The RESET bit allows the S/UNI-PLUS to be reset under software control. If
the RESET bit is a logic one, the entire S/UNI-PLUS is held in reset. This bit
is not self-clearing; therefore, a logic zero must be written to bring the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com