Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 156 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 156 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 152Page - PMC-Sierra, Inc PM5347 Datasheet HTML 153Page - PMC-Sierra, Inc PM5347 Datasheet HTML 154Page - PMC-Sierra, Inc PM5347 Datasheet HTML 155Page - PMC-Sierra, Inc PM5347 Datasheet HTML 156Page - PMC-Sierra, Inc PM5347 Datasheet HTML 157Page - PMC-Sierra, Inc PM5347 Datasheet HTML 158Page - PMC-Sierra, Inc PM5347 Datasheet HTML 159Page - PMC-Sierra, Inc PM5347 Datasheet HTML 160Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
140
Register 0x36: RPOP Pointer MSB and RDI Filter Control
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
R/W
RDI10
0
Bit 4
Unused
X
Bit 3
R
S1
X
Bit 2
R
S0
X
Bit 1
R
PTR[9]
X
Bit 0
R
PTR[8]
X
PTR[9:8]:
The PTR[9:8] bits contain the two MSBs of the current pointer value that is
interpreted from the H1 and H2 bytes. The NDFI, NSEI and PSEI bits of the
RPOP Pointer Interrupt Status register should be read before and after
reading this register to ensure that the pointer value did not change during
the register read.
S0, S1:
The S0 and S1 bits contain the two S bits received in the last H1 byte. These
bits should be software debounced by reading this register at least twice.
RDI10:
The RDI10 bit controls the filtering of the remote defect indication and the
auxiliary remote defect indication. When RDI10 is a logic one, the PRDI and
APRDI status is updated when the same value is received in the
corresponding bit of the G1 byte for ten consecutive frames. When RDI10 is
a logic zero, the PRDI and APRDI status is updated when the same value is
received for five consecutive frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com