Electronic Components Datasheet Search
  English  ▼

X  

PM5348 Datasheet(PDF) 34 Page - PMC-Sierra, Inc

Part # PM5348
Description  DUAL SATURN USER NETWORK INTERFACE
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5348 Datasheet(HTML) 34 Page - PMC-Sierra, Inc

Back Button PM5348 Datasheet HTML 30Page - PMC-Sierra, Inc PM5348 Datasheet HTML 31Page - PMC-Sierra, Inc PM5348 Datasheet HTML 32Page - PMC-Sierra, Inc PM5348 Datasheet HTML 33Page - PMC-Sierra, Inc PM5348 Datasheet HTML 34Page - PMC-Sierra, Inc PM5348 Datasheet HTML 35Page - PMC-Sierra, Inc PM5348 Datasheet HTML 36Page - PMC-Sierra, Inc PM5348 Datasheet HTML 37Page - PMC-Sierra, Inc PM5348 Datasheet HTML 38Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 238 page
background image
PM5348 S/UNI-DUAL
DATA SHEET
PMC-950919
ISSUE 7
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
20
Pin Name
Type
Pin
No.
Function
RCA1
Output
60
The channel #1 receive cell available
(RCA1) signal indicates when a cell is
available in the channel #1 receive FIFO.
When RCA1 is sampled asserted, it
indicates that the channel #1 receive FIFO
has at least one cell available to be read.
When RCA1 is sampled deasserted, the
channel #1 receive FIFO contains only four
words or is empty (as selected in the RACP
Configuration register). The active polarity
of RCA1 defaults to active high and can be
programmed in the S/UNI-DUAL
Configuration register. RCA1 is updated on
the rising edge of RFCLK. See note 12.
RCA2
Output
59
The channel #2 receive cell available
(RCA2) signal indicates when a cell is
available in the channel #2 receive FIFO.
When RCA2 is sampled asserted, it
indicates that the channel #2 receive FIFO
has at least one cell available to be read.
When RCA2 is sampled deasserted, the
channel #2 receive FIFO contains only four
words or is empty (as selected in the RACP
Configuration register). The active polarity
of RCA2 defaults to active high and can be
programmed in the S/UNI-DUAL
Configuration register. RCA2 is updated on
the rising edge of RFCLK. See note 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com