Electronic Components Datasheet Search
  English  ▼

X  

PM5348 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM5348
Description  DUAL SATURN USER NETWORK INTERFACE
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5348 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM5348 Datasheet HTML 45Page - PMC-Sierra, Inc PM5348 Datasheet HTML 46Page - PMC-Sierra, Inc PM5348 Datasheet HTML 47Page - PMC-Sierra, Inc PM5348 Datasheet HTML 48Page - PMC-Sierra, Inc PM5348 Datasheet HTML 49Page - PMC-Sierra, Inc PM5348 Datasheet HTML 50Page - PMC-Sierra, Inc PM5348 Datasheet HTML 51Page - PMC-Sierra, Inc PM5348 Datasheet HTML 52Page - PMC-Sierra, Inc PM5348 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 238 page
background image
PM5348 S/UNI-DUAL
DATA SHEET
PMC-950919
ISSUE 7
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
35
Figure 3
- STS-3c/STM-1Jitter Tolerance
Jitter Freq. (Hz)
0.1
1
10
100
100
1000
10000
100000
1000000
10000000
GR-253-CORE
Note that for frequencies below 300 Hz the jitter tolerance is greater than 15
UIpp; 15 UIpp is the maximum jitter tolerance of the test equipment. Also note
that the dip in the tolerance curve between 300 Hz and 10 kHz is due to the
S/UNI-DUAL's internal clock difference detector. If the recovered clock drifts
beyond 488 ppm of the reference, the PLL locks to the reference clock.
The typical jitter tolerance illustrated in Figure 3 is associated with the external
loop filter components illustrated in Figure 19.
9.2
Serial to Parallel Converter
The Serial to Parallel Converter (SIPO) converts the received bit serial SONET
stream to a byte serial stream. The SIPO searches for the SONET/SDH framing
pattern (A1, A2 ) in the incoming stream, and performs serial to parallel
conversion on octet boundaries.
9.3
Receive Section Overhead Processor
The Receive Section Overhead Processor (RSOP) provides frame
synchronization, descrambling, section level alarm and performance monitoring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com