Electronic Components Datasheet Search
  English  ▼

X  

PM5348 Datasheet(PDF) 96 Page - PMC-Sierra, Inc

Part # PM5348
Description  DUAL SATURN USER NETWORK INTERFACE
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5348 Datasheet(HTML) 96 Page - PMC-Sierra, Inc

Back Button PM5348 Datasheet HTML 92Page - PMC-Sierra, Inc PM5348 Datasheet HTML 93Page - PMC-Sierra, Inc PM5348 Datasheet HTML 94Page - PMC-Sierra, Inc PM5348 Datasheet HTML 95Page - PMC-Sierra, Inc PM5348 Datasheet HTML 96Page - PMC-Sierra, Inc PM5348 Datasheet HTML 97Page - PMC-Sierra, Inc PM5348 Datasheet HTML 98Page - PMC-Sierra, Inc PM5348 Datasheet HTML 99Page - PMC-Sierra, Inc PM5348 Datasheet HTML 100Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 238 page
background image
PM5348 S/UNI-DUAL
DATA SHEET
PMC-950919
ISSUE 7
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
82
Register 0x010, 0x090: RSOP Control/Interrupt Enable
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
DDS
0
Bit 5
W
FOOF
X
Bit 4
R/W
Reserved
0
Bit 3
R/W
BIPEE
0
Bit 2
R/W
LOSE
0
Bit 1
R/W
LOFE
0
Bit 0
R/W
OOFE
0
OOFE:
The OOFE bit is an interrupt enable for the out of frame alarm. When OOFE
is set to logic one, an interrupt is generated when the out of frame alarm
changes state.
LOFE:
The LOFE bit is an interrupt enable for the loss of frame alarm. When LOFE
is set to logic one, an interrupt is generated when the loss of frame alarm
changes state.
LOSE:
The LOSE bit is an interrupt enable for the loss of signal alarm. When LOSE
is set to logic one, an interrupt is generated when the loss of signal alarm
changes state.
BIPEE:
The BIPEE bit is an interrupt enable for the section BIP-8 errors. When
BIPEE is set to logic one, an interrupt is generated when a section BIP-8
error (B1) is detected.
FOOF:
The FOOF bit controls the framing of the RSOP. When a logic one is written
to FOOF, the RSOP is forced out of frame at the next frame boundary. The
FOOF bit is a write only bit, register reads may yield a logic one or a logic
zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com