Electronic Components Datasheet Search
  English  ▼

X  

PM5348 Datasheet(PDF) 11 Page - PMC-Sierra, Inc

Part # PM5348
Description  DUAL SATURN USER NETWORK INTERFACE
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5348 Datasheet(HTML) 11 Page - PMC-Sierra, Inc

Back Button PM5348 Datasheet HTML 7Page - PMC-Sierra, Inc PM5348 Datasheet HTML 8Page - PMC-Sierra, Inc PM5348 Datasheet HTML 9Page - PMC-Sierra, Inc PM5348 Datasheet HTML 10Page - PMC-Sierra, Inc PM5348 Datasheet HTML 11Page - PMC-Sierra, Inc PM5348 Datasheet HTML 12Page - PMC-Sierra, Inc PM5348 Datasheet HTML 13Page - PMC-Sierra, Inc PM5348 Datasheet HTML 14Page - PMC-Sierra, Inc PM5348 Datasheet HTML 15Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 238 page
background image
PM5348 S/UNI-DUAL
DATA SHEET
PMC-950919
ISSUE 7
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
ix
LIST OF FIGURES
FIGURE 1 - SPLIT-BUS 8-BIT DIRECT-PHY ATM SWITCH INTERFACE ......... 9
FIGURE 2 - DIRECT 8-BIT OR 16-BIT MULTI-PHY ATM SWITCH INTERFACE9
FIGURE 3 - STS-3C/STM-1JITTER TOLERANCE ............................................ 9
FIGURE 4 - CELL DELINEATION STATE DIAGRAM ......................................... 9
FIGURE 5 - HCS VERIFICATION STATE DIAGRAM ......................................... 9
FIGURE 6 - STS-3C/STM-1 DEFAULT TRANSPORT OVERHEAD VALUES .... 9
FIGURE 7 - STS-1 DEFAULT TRANSPORT OVERHEAD VALUES................... 9
FIGURE 8 - DEFAULT PATH OVERHEAD VALUES ........................................... 9
FIGURE 9 - STS-3C (STM-1) OVERHEAD........................................................ 9
FIGURE 10- STS-1 OVERHEAD ........................................................................ 9
FIGURE 11- 16-BIT WIDE, 27 WORD STRUCTURE.......................................... 9
FIGURE 12- 8-BIT WIDE, 53 WORD STRUCTURE............................................ 9
FIGURE 13- LINE LOOPBACK MODE ............................................................... 9
FIGURE 14- SERIAL DIAGNOSTIC LOOPBACK MODE ................................... 9
FIGURE 15- PARALLEL DIAGNOSTIC LOOPBACK MODE .............................. 9
FIGURE 16- SINGLE ENDED DRIVING DIFFERENTIAL INPUTS .................... 9
FIGURE 17- DRIVING REFCLK INPUTS ........................................................... 9
FIGURE 18- INTERFACING S/UNI-DUAL TO ECL OR PECL ............................ 9
FIGURE 19- CLOCK RECOVERY CIRCUIT - UNITY GAIN BUFFER LOOP
FILTER
......................................................................................................... 9
FIGURE 20- BOUNDARY SCAN ARCHITECTURE............................................ 9
FIGURE 21- TAP CONTROLLER FINITE STATE MACHINE .............................. 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com