Electronic Components Datasheet Search
  English  ▼

X  

PM5348 Datasheet(PDF) 45 Page - PMC-Sierra, Inc

Part # PM5348
Description  DUAL SATURN USER NETWORK INTERFACE
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5348 Datasheet(HTML) 45 Page - PMC-Sierra, Inc

Back Button PM5348 Datasheet HTML 41Page - PMC-Sierra, Inc PM5348 Datasheet HTML 42Page - PMC-Sierra, Inc PM5348 Datasheet HTML 43Page - PMC-Sierra, Inc PM5348 Datasheet HTML 44Page - PMC-Sierra, Inc PM5348 Datasheet HTML 45Page - PMC-Sierra, Inc PM5348 Datasheet HTML 46Page - PMC-Sierra, Inc PM5348 Datasheet HTML 47Page - PMC-Sierra, Inc PM5348 Datasheet HTML 48Page - PMC-Sierra, Inc PM5348 Datasheet HTML 49Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 238 page
background image
PM5348 S/UNI-DUAL
DATA SHEET
PMC-950919
ISSUE 7
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
31
Pin Name
Type
Pin
No.
Function
R1AVD2
Power
120
The power (R1AVD2) pin for channel #1
receive clock and data recovery block active
loop filter and oscillator. R1AVD2 should be
connected to analog +5V.
R1AVDQ3
Power
106
R1AVDQ3 acts as a shield and should be
connected to analog +5V.
R1AVS1
Ground
115
The ground (R1AVS1) pin for the RXD1+/-
and ALOS1+/- PECL inputs and for channel
#1 receive clock and data recovery block
reference circuitry. R1AVS1 should be
connected to analog GND.
R1AVS2
Ground
122
The ground (R1AVS2) pin for channel #1
receive clock and data recovery block active
loop filter and oscillator. R1AVS2 should be
connected to analog GND.
R1AVSQ3
Ground
109
R1AVSQ3 acts as a shield and should be
connected to analog GND.
R2AVD1
Power
87
The power (R2AVD1) pin for the RXD2+/-
and ALOS2+/- PECL inputs and for channel
#2 receive clock and data recovery block
reference circuitry. R2AVD1 should be
connected to analog +5V.
R2AVD2
Power
81
The power (R2AVD2) pin for channel #2
receive clock and data recovery block active
loop filter and oscillator. R2AVD2 should be
connected to analog +5V.
R2AVDQ3
Power
93
R2AVDQ3 acts as a shield and should be
connected to analog +5V.
R2AVS1
Ground
86
The ground (R2AVS1) pin for the RXD2+/-
and ALOS2+/- PECL inputs and for channel
#2 receive clock and data recovery block
reference circuitry. R2AVS1 should be
connected to analog GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com