Electronic Components Datasheet Search
  English  ▼

X  

PM5348 Datasheet(PDF) 51 Page - PMC-Sierra, Inc

Part # PM5348
Description  DUAL SATURN USER NETWORK INTERFACE
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5348 Datasheet(HTML) 51 Page - PMC-Sierra, Inc

Back Button PM5348 Datasheet HTML 47Page - PMC-Sierra, Inc PM5348 Datasheet HTML 48Page - PMC-Sierra, Inc PM5348 Datasheet HTML 49Page - PMC-Sierra, Inc PM5348 Datasheet HTML 50Page - PMC-Sierra, Inc PM5348 Datasheet HTML 51Page - PMC-Sierra, Inc PM5348 Datasheet HTML 52Page - PMC-Sierra, Inc PM5348 Datasheet HTML 53Page - PMC-Sierra, Inc PM5348 Datasheet HTML 54Page - PMC-Sierra, Inc PM5348 Datasheet HTML 55Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 238 page
background image
PM5348 S/UNI-DUAL
DATA SHEET
PMC-950919
ISSUE 7
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
37
9.3.4 Loss of Signal
The Loss of Signal Block monitors the scrambled data of the complete STS-3c or
STS-1 stream for the absence of 1's. When 20 ± 3 µs of all-zeros pattern is
detected, a loss of signal (LOS) is declared. Loss of signal is cleared when two
valid framing words are detected and during the intervening time, no loss of
signal condition is detected. If configured, a loss of signal condition can assert
the corresponding port's RALM output with timing aligned to its respective RCLK.
9.3.5 Loss of Frame
The Loss of Frame Block monitors the in-frame / out-of-frame status of the
Framer Block. A loss of frame (LOF) is declared when an out-of-frame (OOF)
condition persists for 3 ms. To provide for intermittent out-of-frame conditions,
the 3 ms timer is not reset to zero until an in-frame condition persists for 3 ms.
The loss of frame is cleared when an in frame condition persists for a period of 3
ms. If configured, a loss of frame condition can assert the corresponding port's
RALM output with timing aligned to its respective RCLK.
9.4
Receive Line Overhead Processor
The Receive Line Overhead Processor (RLOP) provides line level alarm and
performance monitoring.
9.4.1 Line Remote Defect Indication Detect
The Line RDI Detect Block detects the presence of Line remote defect indication
(RDI) in the data stream. Line RDI is declared when a 110 binary pattern is
detected in bits 6, 7, and 8 of the K2 byte, for five consecutive frames. Line RDI
is removed when any pattern other than 110 is detected in bits 6, 7, and 8 of the
K2 byte for five consecutive frames. The line RDI status is available through a
maskable interrupt and register bits.
9.4.2 Line AIS Detect
The Line AIS Block detects the presence of a Line Alarm Indication Signal (AIS)
in the data stream. Line AIS is declared when a 111 binary pattern is detected in
bits 6,7,8 of the K2 byte, for five consecutive frames. LAIS is removed when any
pattern other than 111 is detected in bits 6, 7, and 8 of the K2 byte for five
consecutive frames. If configured, a line AIS detection can assert the
corresponding port's RALM output with timing aligned to its respective RCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com