Electronic Components Datasheet Search
  English  ▼

X  

PM5348 Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM5348
Description  DUAL SATURN USER NETWORK INTERFACE
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5348 Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM5348 Datasheet HTML 35Page - PMC-Sierra, Inc PM5348 Datasheet HTML 36Page - PMC-Sierra, Inc PM5348 Datasheet HTML 37Page - PMC-Sierra, Inc PM5348 Datasheet HTML 38Page - PMC-Sierra, Inc PM5348 Datasheet HTML 39Page - PMC-Sierra, Inc PM5348 Datasheet HTML 40Page - PMC-Sierra, Inc PM5348 Datasheet HTML 41Page - PMC-Sierra, Inc PM5348 Datasheet HTML 42Page - PMC-Sierra, Inc PM5348 Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 238 page
background image
PM5348 S/UNI-DUAL
DATA SHEET
PMC-950919
ISSUE 7
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
25
Pin Name
Type
Pin
No.
Function
TCA2
Output
18
The channel #2 transmit cell available
(TCA2) signal indicates when space for a
cell is available in the channel #2 transmit
FIFO. When TCA2 is sampled asserted, it
indicates that the channel #2 transmit FIFO
is not full. When TCA2 is sampled
deasserted, it indicates that either the
channel #2 transmit FIFO is near full and
can accept no more than four writes, or that
the channel #2 transmit FIFO is full (as
selected in the TACP FIFO Control register).
In addition, to reduce FIFO latency, the
FIFO cell depth can be programmed in the
TACP FIFO Control register. The active
polarity of TCA2 defaults to active high and
can be programmed in the S/UNI-DUAL
Configuration register.
TCA2 is updated on the rising edge of
TFCLK, (see note 13). TCA2 may become
metastable when transitioning from a logic
'1' to '0'.
TATP
Analog
88
Transmit analog test point (TATP) is provided
for production test purposes. Connect this
pin to ground.
LF1+,
LF1-,
LFO1
Analog
118
117
116
Passive components connected to the
channel #1 recovery loop filter (LF1+, LF1-
and LFO1) pins determine the dynamics of
the channel #1 clock recovery unit. Refer to
the Operation section for details.
LF2+,
LF2-,
LFO2
Analog
83
84
85
Passive components connected to the
channel #2 recovery loop filter (LF2+, LF2-
and LFO2) pins determine the dynamics of
the channel #2 clock recovery unit. Refer to
the Operation section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com