Electronic Components Datasheet Search
  English  ▼

X  

PM5348 Datasheet(PDF) 41 Page - PMC-Sierra, Inc

Part # PM5348
Description  DUAL SATURN USER NETWORK INTERFACE
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5348 Datasheet(HTML) 41 Page - PMC-Sierra, Inc

Back Button PM5348 Datasheet HTML 37Page - PMC-Sierra, Inc PM5348 Datasheet HTML 38Page - PMC-Sierra, Inc PM5348 Datasheet HTML 39Page - PMC-Sierra, Inc PM5348 Datasheet HTML 40Page - PMC-Sierra, Inc PM5348 Datasheet HTML 41Page - PMC-Sierra, Inc PM5348 Datasheet HTML 42Page - PMC-Sierra, Inc PM5348 Datasheet HTML 43Page - PMC-Sierra, Inc PM5348 Datasheet HTML 44Page - PMC-Sierra, Inc PM5348 Datasheet HTML 45Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 238 page
background image
PM5348 S/UNI-DUAL
DATA SHEET
PMC-950919
ISSUE 7
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
27
Pin Name
Type
Pin
No.
Function
A[0]
A[1]
A[2]
A[3]
A[4]
A[5]
A[6]
A[7]
Input
77
76
75
74
73
72
71
70
The address bus A[8:0] selects specific
registers during S/UNI-DUAL register
accesses.
A[8]/TRS
69
The test register select (TRS) signal selects
between normal and test mode register
accesses. TRS is high during test mode
register accesses, and is low during normal
mode register accesses.
RSTB
Input
78
The active low reset (RSTB) signal provides
an asynchronous S/UNI-DUAL reset. RSTB
is a Schmitt triggered input with an integral
pull up resistor.
ALE
Input
68
The address latch enable (ALE) is active
high and latches the address bus A[8:0]
when low. When ALE is high, the internal
address latches are transparent. It allows
the S/UNI-DUAL to interface to a multiplexed
address/data bus. ALE has an integral pull
up resistor.
INTB
Open-
Drain
Output
125
The active low interrupt (INTB) signal goes
low when a S/UNI-DUAL interrupt source is
active, and that source is unmasked. The
S/UNI-DUAL may be enabled to report many
alarms or events via interrupts. INTB
returns tristate when the interrupt is
acknowledged via an appropriate register
access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com