Electronic Components Datasheet Search
  English  ▼

X  

MAX14913 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14913
Description  Low Power and Heat Dissipation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14913 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14913 Datasheet HTML 1Page - Maxim Integrated Products MAX14913 Datasheet HTML 2Page - Maxim Integrated Products MAX14913 Datasheet HTML 3Page - Maxim Integrated Products MAX14913 Datasheet HTML 4Page - Maxim Integrated Products MAX14913 Datasheet HTML 5Page - Maxim Integrated Products MAX14913 Datasheet HTML 6Page - Maxim Integrated Products MAX14913 Datasheet HTML 7Page - Maxim Integrated Products MAX14913 Datasheet HTML 8Page - Maxim Integrated Products MAX14913 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
General Description
The MAX14912/MAX14913 have eight 640mA smart high-
side switches that can also be configured as push-pull
drivers for high-speed switching. The propagation delay
from input to switching of the high-side/low-side drivers is
1µs (max). Each high-side driver has a low on-resistance
of 230mΩ (max) at 500mA load current at TA = 125°C.
The device is configured and controlled either through pins
or the SPI interface. The SPI interface is daisy-chainable,
which allows efficient cascading of multiple devices. SPI
also supports command mode, for the highest detailed
diagnostic information. The MAX14912 allows configuration
through SPI in parallel and serial setting modes, while
the MAX14913 only supports configuration through SPI in
serial setting mode.
Open-load detection in high-side mode detects both
open-wire conditions in the switch on/off states, and
LED drivers provide indication of per-channel fault and
status conditions. Internal active clamps accelerate the
shutdown of inductive loads fast in high-side mode.
The MAX14912/MAX14913 are available in a 56-pin QFN
8mm x 8mm package.
Applications
● Industrial Digital Outputs
● PLC Systems
● Building Automation
Benefits and Features
● Low Power and Heat Dissipation
• 230mΩ (max) High-Side RON at TA = 125°C
• High-Efficiency 5V/100mA Buck Regulator
● Fast Switching Ideal for High-Speed Control Systems
• 0.1µs (typ.) Propagation Delay (High-Side Mode)
• 0.5µs (typ.) Propagation Delay (Push-Pull Mode)
• 200kHz Switching-Rate Capability in Push-Pull Mode
• Fast Inductive Load Demagnetization
● Robust Operation
• 60V Abs Max VDD Rating
• Safe-Demagnetization: Turn-Off of Unlimited Inductance
• IEC61000-4-2 8kV Air Gap/6kV Contact ESD Protection
• ±1kV/42Ω Surge Protection with TVS on VDD
• Robust SPI Interface with Watchdog and CRC
• -40°C to +125°C Ambient Operating Temperature
Range
● Extensive Diagnostics Reduces System Downtime
• Per Driver and Chip Thermal Shutdown
• Open-Wire Detection in High-Side Mode
• Low Supply Voltage Warning
• Undervoltage Detection
• Overvoltage Detection on OUT
• Overcurrent Detection
• LED Drivers for Visual Fault and Output State Indication
● Flexible Interface for Ease of Design
• Serial and/or Parallel Control Interface
• Per-Channel Configuration and Monitoring
• Wide Logic Voltage Range (1.6V to 5.5V)
● Small Package and High Integration Enables
Compact High-Density I/O Modules
• 56-Pin QFN 8mm x 8mm Package
• Eight High-Side Switches/Push-Pull Drivers
• Daisy-Chainable SPI Interface
Ordering Information appears at end of data sheet.
19-7777; Rev 3; 8/16
MAX14912/MAX14913
Octal High-Speed, High-Side
Switch/Push-Pull Driver


Similar Part No. - MAX14913

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14913 MAXIM-MAX14913 Datasheet
5Mb / 24P
Reverse-Voltage Protection
Rev 0; 3/16
More results

Similar Description - MAX14913

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HG61H HITACHI-HG61H Datasheet
1Mb / 30P
Low power dissipation
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64_14 Datasheet
293Kb / 15P
Low Power Dissipation
logo
Nell Semiconductor Co.,...
D7100W NELLSEMI-D7100W Datasheet
1Mb / 3P
Low power dissipation
D12000W NELLSEMI-D12000W Datasheet
3Mb / 3P
Low power dissipation
D16000W NELLSEMI-D16000W Datasheet
329Kb / 1P
Low power dissipation
logo
Optoway Technology Inc
QPM-2100WG OPTOWAY-QPM-2100WG Datasheet
512Kb / 8P
Low Power Dissipation
logo
Maxim Integrated Produc...
MAX31915 MAXIM-MAX31915 Datasheet
653Kb / 13P
Low Power and Low Heat Dissipation
Rev 1; 4/15
logo
Unisonic Technologies
U74LVC1G86G-AE5-R UTC-U74LVC1G86G-AE5-R Datasheet
204Kb / 5P
Low power dissipation
U74LVC1G139G-S08-R UTC-U74LVC1G139G-S08-R Datasheet
205Kb / 5P
Low power dissipation
logo
Vishay Siliconix
TLVH42N2Q2 VISHAY-TLVH42N2Q2 Datasheet
143Kb / 5P
Low power dissipation
14-Oct-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com