Electronic Components Datasheet Search
  English  ▼

X  

MAX14913 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX14913
Description  Low Power and Heat Dissipation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14913 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX14913 Datasheet HTML 7Page - Maxim Integrated Products MAX14913 Datasheet HTML 8Page - Maxim Integrated Products MAX14913 Datasheet HTML 9Page - Maxim Integrated Products MAX14913 Datasheet HTML 10Page - Maxim Integrated Products MAX14913 Datasheet HTML 11Page - Maxim Integrated Products MAX14913 Datasheet HTML 12Page - Maxim Integrated Products MAX14913 Datasheet HTML 13Page - Maxim Integrated Products MAX14913 Datasheet HTML 14Page - Maxim Integrated Products MAX14913 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Figure 2. Push-Pull Mode Timing Characteristics
0.1μF
VL
VL
GND
PUSHPL
FLTR
PGND
1μF
VDD
VDD
50Ω
TEST
SOURCE
MAX14912/
MAX14913
VL
GND
IN_
O_
O_
tPDPP_LH
tPDPP_LH
tPDSK_LH
tPDSK_HL
tPDPP_HL
tPDPP_HL
50%
50%
50%
50%
tR
tF
tR
tF
0.2 x VDD
0.2 x VDD
0.8 x VDD
0.8 x VDD
0.8 x VDD
0.2 x VDD
80%
20%
VDD
VDD
GND
GND
VL
GND
CS
O_
O_
VDD
VDD
GND
GND
O_
V5
1μF
V5
CL
RL
IN_/CS
Test Circuits/Timing Diagrams (continued)
Figure 3. SPI Timing Diagram
CS
CLK
SDI
SDO
tCSS
tCL
tDS
tFT
tDH
tCH
tDO
tCSH
MAX14912/MAX14913
Octal High-Speed, High-Side
Switch/Push-Pull Driver
Maxim Integrated │ 11
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com