Electronic Components Datasheet Search
  English  ▼

X  

MAX14913 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX14913
Description  Low Power and Heat Dissipation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14913 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX14913 Datasheet HTML 10Page - Maxim Integrated Products MAX14913 Datasheet HTML 11Page - Maxim Integrated Products MAX14913 Datasheet HTML 12Page - Maxim Integrated Products MAX14913 Datasheet HTML 13Page - Maxim Integrated Products MAX14913 Datasheet HTML 14Page - Maxim Integrated Products MAX14913 Datasheet HTML 15Page - Maxim Integrated Products MAX14913 Datasheet HTML 16Page - Maxim Integrated Products MAX14913 Datasheet HTML 17Page - Maxim Integrated Products MAX14913 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
PIN
NAME
FUNCTION
10
PGND
Ground for the DC-DC Converter. Connect to GND.
11
VL
Logic Supply Input. VL defines the levels on all I/O logic interface pins. Bypass VL to GND
through a 100nF ceramic capacitor.
17, 19, 22, 24,
26, 45, 47, 49,
52, 54
VDD (10x)
Supply Voltage, Nominally 24V. Connect all VDD together. Bypass VDD to GND through a 1µF
capacitor.
37
V5
5V Supply Input. V5 can be powered by an external 5V supply or the internal 5V buck. Bypass
V5 to GND through a 10µF ceramic capacitor.
44
BUKEN
Enable Input for Buck Regulator. BUKEN should be permanently connected to either VDD or
GND—do not switch BUKEN. Connect BUKEN to GND if not using the internal buck. Connect
BUKEN to VDD to use the internal buck.
56
UVLO
UVLO is an Open-Drain, Undervoltage Indicator of the VDD Supply.
SERIAL INTERFACE
12
SDO
Serial-Data Output. SPI MISO data output to controller.
13
SDI
Serial-Data Input. SPI MOSI data from controller.
14
CLK
Serial-Clock Input from SPI Controller
15
CS
Chip-Select Input from Controller
LOGIC INTERFACE
16
SRIAL
Serial/Parallel Select Input. Drive SRIAL high to set the MAX14912/MAX14913 outputs through
the serial interface. Drive SRIAL low to set the MAX14912/MAX14913outputs through the
parallel (_/IN) pins. SRIAL does not affect serial readback of diagnostic/status information.
27
OL/IN1
Open-Load Select Input/IN1 Input. In serial mode (SRIAL = high), drive OL/IN1 = high to enable
open-load detection on all eight OUT_ outputs when in high-side operation. In parallel mode
(SRIAL = low), OL/IN1 sets OUT1 on/off/high/low.
28
CMND/IN2
Command Mode SPI Input/IN2 Logic Input. In serial mode (SRIAL = high), CMND/IN2 enables
command-based SPI access (see Detailed Description section for details).
In parallel mode (SRIAL = low), CMND/IN2 sets OUT2 on/off/high/low.
29
CRC/IN3
CRC Select Input/IN3 Input. In serial mode (SRIAL = high), drive CRC/IN3 = high to enable CRC
error detection on serial data. In parallel mode (SRIAL = low), CRC/IN3 sets OUT3 on/off/high/
low.
30
CERR/IN4
CRC Error Detection Output/IN4 Input. In serial mode (SRIAL = high) with error checking
enabled (CRC/IN3 = high), CERR/IN4 is an open-drain output whose transistor turns on when
the device detects an error on SDI data. In parallel mode (SRIAL = low), CERR/IN4 sets OUT4
on/off/high/low.
31
WDEN/IN5
Watchdog Enable Input/ IN5 Input. In serial mode (SRIAL= high), WDEN/IN5 enables the
watchdog timer. In parallel mode (SRIAL= low), WDEN/IN5 sets OUT5 on/off/high/low.
32
WDFLT/IN6
Watchdog Fault Output/IN6 Input. In serial mode (SRIAL = high), WDFLT/IN6 is the open-drain
watchdog fault output, which turns on when a watchdog fault is detected while WDEN/IN5 is
high. In parallel mode (SRIAL = low), WDFLT/IN6 sets OUT6 on/off/high/low.
MAX14912/MAX14913
Octal High-Speed, High-Side
Switch/Push-Pull Driver
www.maximintegrated.com
Maxim Integrated │ 14
Pin Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com