Electronic Components Datasheet Search
  English  ▼

X  

MAX14913 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX14913
Description  Low Power and Heat Dissipation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14913 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX14913 Datasheet HTML 17Page - Maxim Integrated Products MAX14913 Datasheet HTML 18Page - Maxim Integrated Products MAX14913 Datasheet HTML 19Page - Maxim Integrated Products MAX14913 Datasheet HTML 20Page - Maxim Integrated Products MAX14913 Datasheet HTML 21Page - Maxim Integrated Products MAX14913 Datasheet HTML 22Page - Maxim Integrated Products MAX14913 Datasheet HTML 23Page - Maxim Integrated Products MAX14913 Datasheet HTML 24Page - Maxim Integrated Products MAX14913 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Parallel Interface: Setting the OUT_ Output Driver
The parallel mode (SRIAL = low) uses one input pin (IN_)
to set each output (OUT_). Table 3 shows the settings that
depend on the configured mode.
In parallel setting mode (SRIAL = low), the MAX14913
can only be configured via the global configuration inputs:
PUSHPL and FLTR, not on a per-channel basis through
SPI. This means that all high-side drivers are either in
high-side or push-pull operation. Open-load detection is
enabled and cannot be disabled in parallel setting mode.
The MAX14912 can be configured with full flexibility in
parallel setting mode.
Serial Controller Interface
The serial interface can be used in all setting modes. It
is based on CPOL = low and CPHA = low, meaning that
the SDI data is latched-in on the rising edge of CLK and
new SDO data is written on the falling edge of CLK. The
default idle CLK state needs to be low. The SDO output
is only actively driven when the SPI master drives CS low,
it is otherwise weakly pulled down by an internal 200kΩ
resistor when CS is high.
The SPI interface provides per channel and detailed global
diagnostics. In serial setting mode (SRIAL = high), the
outputs are set on/off/high/low by the serial interface. Serial
mode also allows per channel and global configuration. In
parallel setting mode (SRIAL = low), the MAX14913 does
not allow configuration through SPI, while the MAX1912
can be configured per channel and globally.
The SPI interface can be operated in either command
mode or direct mode. Command mode is available in both
parallel and serial modes and provides higher information
content and supports more configuration options. See
Table 4 for details. Direct mode SPI is only available in
serial setting mode (SRIAL = high). In direct SPI mode,
output setting and per channel configuration is written
directly (without a command byte) and diagnostics data is
provided either in an 8 or 16-bit SPI cycle.
In both command and direct SPI modes, when the high-
side/push-pull drivers are set on/off/high/low via SPI,
the outputs change state at the end of the SPI cycle, on
the rising CS edge, with a sub 1µs propagation delay, as
defined in the Electrical Properties Table. In direct and
command mode SPI, diagnostic and status information
is sampled at the beginning of each SPI cycle, initiated
by the falling CS edge and is then sequentially written out
on SDO on each falling CLK edge. Command SPI mode
allows reading back the chip configuration and status
and diagnostics, as selected via the command byte. This
information is then written out on the following SPI cycle.
Table 3. SRIAL = Low
Table 4. SPI interface Modes Selection and Description
DRIVER MODE
IN_
OUT_ STATE
High-Side
0
High-side off
High-Side
1
High-side on
Push-Pull
0
Push-pull output low
Push-Pull
1
Push-pull output high
PIN
RESULT
SPI
MODE
SRIAL CMND
/IN2
CNFG
/IN7
S16
/IN8
BITS
SDI
SDO
NOTES
1
0
0
0
8
Per-channel OUT_
setting
Per-channel fault
OUT set by SPI. FAULT is the
real-time status of the fault (driver
shutdown or open-load)
1
16
Per-channel OUT_
setting and HS/PP
selection
Per-channel fault
and level
1
0
1
0
8
Per-channel config:
HS/PP
Per-channel fault
OUT level does not change
1
16
Per-channel config:
HS/PP and OL
detection on/off
Per-channel fault
and level
1
1
X
X
16
8-bit-command +
8-bit data
Previous command
output
OUT level may or may not change
depending on command
0
X
X
X
16
8-bit-command +
8-bit data
Previous command
output
OUT set by INx pins. MAX14912
allows SPI configuration. MAX14913
does not allow SPI configuration.
MAX14912/MAX14913
Octal High-Speed, High-Side
Switch/Push-Pull Driver
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com