Electronic Components Datasheet Search
  English  ▼

X  

MAX14913 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14913
Description  Low Power and Heat Dissipation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14913 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14913 Datasheet HTML 1Page - Maxim Integrated Products MAX14913 Datasheet HTML 2Page - Maxim Integrated Products MAX14913 Datasheet HTML 3Page - Maxim Integrated Products MAX14913 Datasheet HTML 4Page - Maxim Integrated Products MAX14913 Datasheet HTML 5Page - Maxim Integrated Products MAX14913 Datasheet HTML 6Page - Maxim Integrated Products MAX14913 Datasheet HTML 7Page - Maxim Integrated Products MAX14913 Datasheet HTML 8Page - Maxim Integrated Products MAX14913 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
(VDD = +10V to +36V, V5 = +4.5V to +5.5V, VL = +1.6V to +5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at
TA = +25°C and VDD = +24V, CDCDC = 10µF, LDCDC = 100µH, CFLY = 200nF, CPUMP = 10µF, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
V5/VL Supplies
V5 Supply Voltage
(Supplied Externally)
V5
4.5
5.5
V
V5 Supply Current
(V5 Supplied Externally)
IV5
HS mode, EN = high, OUT_
outputs high, no load, no LEDs
connected
2.2
3.2
mA
PP mode, EN = high, OUT_
switching at 100kHz, no load, no
LEDs connected
8.5
11
mA
V5 Undervoltage-Lockout
Threshold
VV5_UV
VDD = 24V, V5 rising
3.8
4.2
V
V5 Undervoltage-Lockout
Hysteresis
VV5_UVHYST
VDD = 24V
0.3
V
VL Supply Voltage
VL
1.6
5.5
V
VL Supply Current
IVL
All logic inputs high or low
24
35
µA
VL Undervoltage-Lockout
Threshold
VL_UV
VL falling
1.12
1.27
1.52
V
5V DC-DC REGULATOR
Undervoltage-Lockout
Threshold of the DC-DC
Regulator
VDCDC_UVLO VDD rising
6.6
V
Undervoltage-Lockout
Threshold of the DC-DC
Regulator Hysteresis
VDCDC_
UVLOHY
0.5
Output Regulated Voltage
VDCDC
0mA to 90mA external load current
4.85
5.0
5.15
V
Current Limit
ICL_DCDC
100
mA
Turn-On Time
TON_DCDC
Delay from VDD crossing the
UVLO threshold until the DC-DC
regulator finishes soft-start
3.0
3.4
3.7
ms
Switching Frequency
fDCDC
540
600
660
kHz
DRIVER OUTPUTS (OUT_)
HS Mode On-Resistance
ROUT_HS
HS mode, HS = on, IOUT_ =
-500mA (Note 6)
110
230
mΩ
HS Mode Current Limit
ILIM
EN = high, HS = on,
VOUT__ = VDD -1V
0.64
0.87
1.2
A
HS Mode Current-Limit V/I
Slope
(See Overcurrent and Short-Circuit
Protection section)
150
Ω
HS Mode Weak Pulldown
Current
ILKG
High-side mode, OL detect = off,
HS = off, 7V < VOUT_ < VDD
65
100
135
µA
MAX14912/MAX14913
Octal High-Speed, High-Side
Switch/Push-Pull Driver
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com