Electronic Components Datasheet Search
  English  ▼

X  

MAX14913 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX14913
Description  Low Power and Heat Dissipation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14913 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX14913 Datasheet HTML 9Page - Maxim Integrated Products MAX14913 Datasheet HTML 10Page - Maxim Integrated Products MAX14913 Datasheet HTML 11Page - Maxim Integrated Products MAX14913 Datasheet HTML 12Page - Maxim Integrated Products MAX14913 Datasheet HTML 13Page - Maxim Integrated Products MAX14913 Datasheet HTML 14Page - Maxim Integrated Products MAX14913 Datasheet HTML 15Page - Maxim Integrated Products MAX14913 Datasheet HTML 16Page - Maxim Integrated Products MAX14913 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
PIN
NAME
FUNCTION
LED DRIVERS
1, 2
LDLS5-8,
LDLS1-4
Status LED Cathode Outputs (Open-Drain Low-Side)
3, 4
LDLF5-8,
LDLF1-4
Fault LED Cathode Outputs (Open-Drain Low-Side)
38–41
LEDH15,
LEDH26,
LEDH37,
LEDH48
LED Anode Connections (Open-Drain High-Side). Connect a resistor in series to set the diode
current.
POWER SUPPLY
5
CFN
Charge-Pump Flying Capacitor
6
CFP
Charge-Pump Flying Capacitor. Connect a 200nF/50V capacitor to CFN.
7
VPMP
Charge-Pump Output. Connect a 10μF/5V capacitor between VPMP and VDD. VPMP is not
intended for use as a power supply for other devices.
8, 21, 36, 50
GND (4x)
Ground. Connect all GND pins together.
9
LX
DC-DC Converter Switching Output. Connect LX to the switching-side of the inductor.
TOP VIEW
QFN
8mm x 8mm
15
17
16
18
19
20
21
22
23
24
25
26
27
28
CS
+
SRIAL
VDD
OUT1
VDD
OUT2
GND
VDD
OUT3
VDD
OUT4
VDD
OL/IN1
CMND/IN2
UVLO
EN
VDD
OUT8
VDD
OUT7
GND
VDD
OUT6
VDD
OUT5
VDD
BUKEN
PUSHPL
48
47
46
45
44
43
54
53
56
55
52
51
50
49
1
2 3 4
5 6
7 8
9 10 11 12 13 14
42 41 40 39 38 37 36 35 34 33 32 31 30 29
MA
MAX14913
X14912/
MAX14912/MAX14913
Octal High-Speed, High-Side
Switch/Push-Pull Driver
www.maximintegrated.com
Maxim Integrated │ 13
Pin Configuration
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com