Electronic Components Datasheet Search
  English  ▼

X  

MAX14913 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX14913
Description  Low Power and Heat Dissipation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14913 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX14913 Datasheet HTML 18Page - Maxim Integrated Products MAX14913 Datasheet HTML 19Page - Maxim Integrated Products MAX14913 Datasheet HTML 20Page - Maxim Integrated Products MAX14913 Datasheet HTML 21Page - Maxim Integrated Products MAX14913 Datasheet HTML 22Page - Maxim Integrated Products MAX14913 Datasheet HTML 23Page - Maxim Integrated Products MAX14913 Datasheet HTML 24Page - Maxim Integrated Products MAX14913 Datasheet HTML 25Page - Maxim Integrated Products MAX14913 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Daisy-Chain SPI Operation
The device supports daisy-chain operation, allowing control/
monitoring of multiple MAX14912/MAX14913 devices
from a single serial interface with one common chip-select
signal. The identical data that is clocked into SDI, is
clocked out of SDO with a one SPI cycle delay. This is
illustrated in Figure 8.
Direct SPI Serial Interface: 8-bit Mode
SRIAL = high, CMND = low, S16 = low.
Figure 9 shows an 8-bit cycle that reads the per-channel
diagnostic data and sets/configures the outputs in a single
8-bit cycle. Table 5 illustrates the meaning of the SPI bits.
The data returned on SDO is the per-channel fault status.
Pin CNFG is used to select whether the SDI input bits set
the output level or the output mode (high-side or push-
pull).
Figure 7. Daisy-Chain Connection
Figure 8. SPI Cycle in 8-Bit Direct SPI Mode
F I F O - I C 3
D A T A - I C 3
D I A G - I C 3
SDO
F I F O - I C 2
D A T A - I C 2
D I A G - I C 2
SDO
F I F O - I C 1
D A T A - I C 1
D I A G - I C 1
SDO
MAX
MAX14913
14912/
MAX
MAX14913
14912/
MAX
MAX14913
14912/
MCU
SDI
CLK
CS
CLK
MOSI
CS
MISO
SDI
CS
CLK
CLK
CS
SDI
D7
D6
D5
D4
D3
D2
D1
D8
F7
F6
F5
F4
F3
F2
F1
F8
CS
CLK
SDI
SDO
MAX14912/MAX14913
Octal High-Speed, High-Side
Switch/Push-Pull Driver
www.maximintegrated.com
Maxim Integrated │ 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com