Electronic Components Datasheet Search
  English  ▼

X  

MAX14913 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX14913
Description  Low Power and Heat Dissipation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14913 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX14913 Datasheet HTML 1Page - Maxim Integrated Products MAX14913 Datasheet HTML 2Page - Maxim Integrated Products MAX14913 Datasheet HTML 3Page - Maxim Integrated Products MAX14913 Datasheet HTML 4Page - Maxim Integrated Products MAX14913 Datasheet HTML 5Page - Maxim Integrated Products MAX14913 Datasheet HTML 6Page - Maxim Integrated Products MAX14913 Datasheet HTML 7Page - Maxim Integrated Products MAX14913 Datasheet HTML 8Page - Maxim Integrated Products MAX14913 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
(VDD = +10V to +36V, V5 = +4.5V to +5.5V, VL = +1.6V to +5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at
TA = +25°C and VDD = +24V, CDCDC = 10µF, LDCDC = 100µH, CFLY = 200nF, CPUMP = 10µF, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Push-Pull Mode HS On-
Resistance
ROUT_PP
PP mode, HS = on, EN = high,
IOUT_ = -500mA (Note 6)
110
230
mΩ
Push-Pull Mode LS On-
Resistance
VOL_PP
PP mode, LS = on, EN = high,
IOUT = 500mA
1
2.5
Ω
Push-Pull Mode Current Limit
ILIM_PP
PP mode, EN = High, OUT_ =
high, VOUT_ = VDD - 1V
0.64
0.87
1.2
A
PP mode, EN = High, OUT_ = low,
3V < VOUT_ < VDD
0.44
0.68
0.81
A
OPEN-LOAD DETECT (OUT_)
Open-Load Pullup Current,
High-Side Off
IOL_HSOFF
OL detect = on, high-side mode,
HS = off, 7V < VOUT_ < VDD -1V
50
74
100
µA
Open-Load Detect Threshold,
High-Side Off
VOL_T
OL detect = on, high-side mode,
HS = off, LED turns off/on
6.4
6.7
7.35
V
Open-Load Detect Threshold
Current, High-Side On
IOL_HSON
OL detect = on, high-side mode,
HS = on, 0V < VOUT_ < (VDD -1V)
1
2
3
mA
Debounce Filter
TDEB_OL
Reliable open-load detection
reading is obtained only if both
the switch input state and the load
level do not change for TDEB_OL,
high-side = on/off
100
ms
LOGIC (I/O)
Input Voltage High
VIH
VL < 2.5V
0.8 x VL
V
VL ≥ 2.5V
0.7 x VL
Input Voltage Low
VIL
VL < 2.5V
0.16 x VL
V
VL ≥ 2.5V
0.3 x VL
Input Threshold Hysteresis
VIHYST
0.1 x VL
V
Input Pulldown Resistor
RI
All logic input pins, except CS
(Note 2)
140
200
275
kΩ
Input Pullup Resistor
RI
CS input (Note 2)
140
200
275
kΩ
Output Logic-High (SDO)
VOH
IL = -5mA
VL - 0.33V
V
Output Logic-Low
VOL
IL = +5mA
0.33
V
SDO Pulldown Resistor
RL_SDO
CS = high
140
200
275
kΩ
OPEN-DRAIN OUTPUTS (FAULT, CERR/IN4, WDFLT/IN6)
Output Logic-Low
VODL
IL = +5mA
0.58
V
Leakage
IODL
Open-drain output off, pins are at
5.5V
-1
+1
µA
MAX14912/MAX14913
Octal High-Speed, High-Side
Switch/Push-Pull Driver
www.maximintegrated.com
Maxim Integrated │ 5
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com